Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2148B-KT Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ2148B-KT
Description  Smart Battery Module with LEDs and Pack Supervisor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2148B-KT Datasheet(HTML) 7 Page - Texas Instruments

  BQ2148B-KT Datasheet HTML 1Page - Texas Instruments BQ2148B-KT Datasheet HTML 2Page - Texas Instruments BQ2148B-KT Datasheet HTML 3Page - Texas Instruments BQ2148B-KT Datasheet HTML 4Page - Texas Instruments BQ2148B-KT Datasheet HTML 5Page - Texas Instruments BQ2148B-KT Datasheet HTML 6Page - Texas Instruments BQ2148B-KT Datasheet HTML 7Page - Texas Instruments BQ2148B-KT Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
bq2148 Preliminary
DC Electrical Characteristics (T
A =TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions/Notes
VOP
Operating voltage, B1P to
B4N
4.0
-
18
V
ICCA
Operating current
-
-
350
µA
RON
On resistance, B1P to POS
-
-
50
m
TA = 25
°C, VOP = 10V
DC Thresholds (TA =TOPR)
Symbol
Parameter
Value
Tolerance
Unit
Notes
VOV
Overvoltage threshold
4.25
± 50mV
V
VCE
Charge enable voltage
VOV - 100mV
± 50mV
V
VUV
Undervoltage limit
2.25
± 100mV
V
IOC
Overcurrent limit
3.4
A
TA = 25
°C
3.8
A
TA = 60
°C
tUVD
Undervoltage delay
950
±50%
ms
TA = 30°C
VCD
Charge detect threshold
70
-60, +80
mV
tOVD
Overvoltage delay
950
±50%
ms
TA = 30°C
tOCD
Overcurrent delay
12
±60%
ms
TA = 30°C
Note:
The thresholds above reflect the operation of a bq2148 using the standard bq2058 IC (VOV = 4.25V).
Specify other versions of the bq2058 by indicating the appropriate VOV threshold in Table 1.
LED Option:
L = LEDs plus switch
Blank = No LEDs or switch
Notes:
1.
Requires configuration sheet (Table 1)
2.
Example production part number: bq2148LB-001
Ordering Information
bq2148
B —
Customer Code:
Blank = Sample or Pre-production1
KT = Evaluation system
XXX = Customer-specific; assigned by Unitrode2
Package Option:
B = Board-level product
Device:
Smart Battery Module with LEDs and Pack Supervisor


Similar Part No. - BQ2148B-KT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2145 TI-BQ2145 Datasheet
833Kb / 7P
[Old version datasheet]   Smart Battery Module with LEDs
BQ2145B- TI-BQ2145B- Datasheet
833Kb / 7P
[Old version datasheet]   Smart Battery Module with LEDs
BQ2145B-KT TI-BQ2145B-KT Datasheet
833Kb / 7P
[Old version datasheet]   Smart Battery Module with LEDs
BQ2145B-XXX TI-BQ2145B-XXX Datasheet
833Kb / 7P
[Old version datasheet]   Smart Battery Module with LEDs
BQ2145LB- TI-BQ2145LB- Datasheet
833Kb / 7P
[Old version datasheet]   Smart Battery Module with LEDs
More results

Similar Description - BQ2148B-KT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ219XL TI-BQ219XL Datasheet
351Kb / 7P
[Old version datasheet]   Smart Battery Module with LEDs
BQ2145 TI-BQ2145 Datasheet
833Kb / 7P
[Old version datasheet]   Smart Battery Module with LEDs
BQ219XLB-018 TI1-BQ219XLB-018 Datasheet
357Kb / 7P
[Old version datasheet]   Smart Battery Module with LEDs
BQ2168 TI-BQ2168 Datasheet
847Kb / 9P
[Old version datasheet]   Li-Ion Power Gauge??Module with Pack Supervisor
BQ2167 TI-BQ2167 Datasheet
899Kb / 9P
[Old version datasheet]   Li-Ion Power Gauge??Module with Pack Supervisor
logo
RRC power solutions Ltd...
RRC3570 RRC-RRC3570 Datasheet
277Kb / 2P
   Rechargeable Smart Battery Pack Li-Ion
logo
Schneider Electric
SURT192XLBP SCHNEIDER-SURT192XLBP Datasheet
149Kb / 2P
   APC Smart-UPS RT 192V Battery pack
logo
STMicroelectronics
STM1066 STMICROELECTRONICS-STM1066 Datasheet
218Kb / 20P
   Smart voltage supervisor
STM1068 STMICROELECTRONICS-STM1068 Datasheet
213Kb / 22P
   Smart voltage supervisor
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com