Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-12059 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-12059
Description  Wideband RF Impedance Matching Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-12059 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-12059 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
12
RF-2 - 4/99
Schematic "E"
Schematic "D"
Schematic "C"
Schematic "B"
Wideband RF Impedance Matching Transformers
Designed for use in 50
Ω Impedance RF, and Fast Rise Time, Pulse Applications.
Isolation 500V
RMS minimum
Operating Temperature Range: +0 to +70 oC
Impedance
Pri. Ind.
Rise
L
L
Pri./Sec.
Pri. DCR
Sec. DCR
-3 dB Loss BW
DIP
Ratio
Schem.
min.
Time max.
max.
C
W/W max.
max.
max.
Low
High
Part No.
(
+ 5%)
Style
(
µH )
( ns )
(
µH )
( pF )
(
Ω )( Ω )MHz
MHz
T-12001
1:1
B
80
2.2
0.15
12
0.20
0.20
0.05
110
T-12002
1CT:1CT
C
80
3.0
0.18
15
0.20
0.20
0.05
90
T-12003
1:1CT
D
80
3.0
0.18
15
0.20
0.20
0.05
90
T-12004
1:1:1
A
40
2.0
0.10
12
0.16
0.16
0.10
150
T-12005
1:4
B
40
3.0
0.14
15
0.20
0.30
0.10
110
T-12006
1:4CT
D
40
3.0
0.14
15
0.20
0.30
0.10
110
T-12007
1:2
B
80
4.0
0.30
18
0.20
0.30
0.05
50
T-12008
1:2CT
D
80
3.0
0.20
18
0.20
0.30
0.05
80
T-12009
1:16
B
20
6.0
0.10
10
0.20
0.60
0.20
60
T-12010
1:16CT
D
20
6.0
0.10
10
0.20
0.60
0.20
60
Electrical Specifications at 25o C
DIP Part
Impedance
FrequencyRange (MHz)
Schematic
Number
Ratio
Insertion Loss 3 dB
Insertion Loss 2 dB
Insertion Loss 1 dB
Style
T-12050
1:1
.050-200
.080-150
.20-80
D
T-12051
1:1
.003-300
.010-150
.02-50
D
T-12052
2:1
.070-200
.100-100
.50-50
D
T-12053
2.5:1
.010-100
.020-50
.05-20
D
T-12054
3:1
.050-250
.100-200
.50-70
D
T-12055
4:1
.200-350
.350-300
2-100
D
T-12056
4:1
.020-250
.050-150
.10-100
D
T-12057
5:1
.300-300
.600-200
.50-100
D
T-12058
8:1
.030-140
.100-90
1-60
D
T-12059
13:1
.300-120
.700-80
5-20
D
T-12060
16:1
.030-75
.060-30
10-20
D
T-12061
1:1
.150-400
.350-200
2-50
B
T-12062
1:1
.010-150
.020-100
.005-50
B
T-12063
1.5:1
.100-300
.200-150
.50-80
B
T-12064
1.5:1
.020-100
.050-50
.10-25
B
T-12065
2.5:1
.010-100
.020-50
.05-20
B
T-12066
4:1
.020-200
.050-150
.10-100
B
T-12067
9:1
.150-200
.300-150
2-40
B
T-12068
16:1
.300-120
.700-80
.50-20
B
T-12069
36:1
.030-20
.050-10
.10-5
B
T-12070
1:1
.004-500
.020-200
.10-50
C
T-12071
1.5:1
.075-500
.200-100
.10-50
C
T-12072
2.5:1
.010-50
.025-25
.05-10
C
T-12073
4:1
.050-200
.200-50
1-30
C
T-12074
25:1
.020-30
.050-20
.10-10
C
Schematic "A"
Add "G" to P/N for SMD
Tape & Reel available
.200
(5.08)
MAX.
.020
(0.38)
.315
(8.00)
MAX.
.038
(0.96)
TYP.
.100
(2.54)
TYP.
TYP.
.405 (10.29)
.425 (10.80)
.270
(6.86)
.286
(7.27)
.010
(0.25)
TYP.
6-Pin SMD: T-120XXG
.205
(5.21)
MAX.
(0.30)
TYP.
.012
.315
(8.00)
MAX.
.120
(3.05)
MIN.
.300
(7.62)
.285
(7.24)
MAX.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.050
(1.27)
TYP.
.010
(0.25)
TYP.
.008 R
(0.20)
.365
(9.27)
MAX.
6-Pin
DIP


Similar Part No. - T-12059

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
T-120 MEANWELL-T-120 Datasheet
367Kb / 2P
   120W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
T-120 RSG-T-120 Datasheet
176Kb / 2P
   120W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
T-120 MEANWELL-T-120 Datasheet
378Kb / 2P
   120W Triple Output Switching Power Supply
logo
Rhombus Industries Inc.
T-1200-4 RHOMBUS-IND-T-1200-4 Datasheet
30Kb / 1P
   WIDE BAND TRANSFORMER
T-1200-4G RHOMBUS-IND-T-1200-4G Datasheet
30Kb / 1P
   WIDE BAND TRANSFORMER
More results

Similar Description - T-12059

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-12201 RHOMBUS-IND-T-12201 Datasheet
49Kb / 1P
   Wideband RF Impedance Matching Transformers
logo
JFW Industries, Inc.
57ZT JFW-57ZT Datasheet
48Kb / 1P
   Impedance Matching Transformers
logo
Rhombus Industries Inc.
T-12201G RHOMBUS-IND-T-12201G Datasheet
27Kb / 1P
   Wideband Impedance Matching Transformer
T-1424 RHOMBUS-IND-T-1424 Datasheet
18Kb / 1P
   Wideband Impedance Matching Transformer
T-12077G RHOMBUS-IND-T-12077G Datasheet
18Kb / 1P
   Wideband Impedance Matching Transformer
logo
EPCOS
B78408A1227A003 EPCOS-B78408A1227A003 Datasheet
88Kb / 4P
   RF transformers Matching transformer
logo
Bel Fuse Inc.
A553-1506-6E BEL-A553-1506-6E Datasheet
227Kb / 1P
   TOKENRINGTRANSFORMERS IMPEDANCE MATCHING AND ISOLATION TRANSFORMERS
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0966-CN XFMRS-XFWB0966-CN Datasheet
38Kb / 1P
   RF WIDEBAND TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com