Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2167 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ2167
Description  Li-Ion Power Gauge??Module with Pack Supervisor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2167 Datasheet(HTML) 1 Page - Texas Instruments

  BQ2167 Datasheet HTML 1Page - Texas Instruments BQ2167 Datasheet HTML 2Page - Texas Instruments BQ2167 Datasheet HTML 3Page - Texas Instruments BQ2167 Datasheet HTML 4Page - Texas Instruments BQ2167 Datasheet HTML 5Page - Texas Instruments BQ2167 Datasheet HTML 6Page - Texas Instruments BQ2167 Datasheet HTML 7Page - Texas Instruments BQ2167 Datasheet HTML 8Page - Texas Instruments BQ2167 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
Complete and compact lithium ion gas gauge and
protection solution for three or four series cells
Accurate measurement of available battery
capacity
Provides overvoltage, undervoltage, and
overcurrent protection
Designed for battery pack integration
Small size
Includes bq2050 and bq2058 ICs
On-board charge and discharge control FETs
Low operating current for minimal battery drain
High side FET control
Battery capacity available through single-wire
serial port
“L” version includes 5 push-button activated LEDs
to display state-of-charge information
General Description
The bq2167 Power Gauge Module provides a complete and
compact battery management solution for Li-Ion battery
packs. Designed for battery pack integration, the bq2167
combines the bq2050 Power Gauge IC with the bq2058 Su-
pervisor IC on a small printed circuit board. The board in-
cludes all the necessary components to accurately monitor
battery capacity and protect the cells from overvoltage, un-
dervoltage, and overcurrent conditions. The board works
with three or four Li-Ion series cells.
The Power Gauge IC uses the on-board sense resistor to
track charge and discharge activity of the battery pack.
Critical battery information can be accessed through the
serial communications port at DQ. The supervisor cir-
cuit consists of the bq2058 and two FETs. The bq2058
controls the FETs to protect the batteries during
charge/discharge cycles and short circuit conditions. The
bq2167 provides contacts for the positive and negative
terminals of each battery in the stack. Please refer to
the bq2050 and bq2058 data sheets for the specifics on
the operation of the power gauge and supervisor ICs.
Unitrode configures the bq2167 based on the informa-
tion requested in Table 1. The configuration defines the
number of series cells, the nominal battery pack capac-
ity, the self-discharge rate, the Li-Ion battery type (coke
or graphite anode), and the threshold limits. Figure 1
shows how the module connects to the cells.
The bq2167L includes five LEDs to display remaining capac-
ity in 20% increments of the learned capacity. The LEDs are
activated with the onboard push-button switch.
A module development kit is also available for the
bq2167. The bq2167B-KT or the bq2167LB-KT includes
one configured module and the following:
1)
An interface board that allows connection to the
serial port of any AT-compatible computer.
2)
Menu driven software to display charge/discharge
activity and to allow user interface to the bq2050
from any standard DOS PC.
Pin Descriptions
POS
Pack positive
B1P
BAT1P/Battery 1 positive input
B1N
BAT1N/Battery 1 negative input
B2N
BAT2N/Battery 2 negative input
B3N
BAT3N/Battery 3 negative input
B4N
BAT4N/Battery 4 negative input
ITEST
Overcurrent test input
DQ
Serial communications port
NEG
Pack negative
1
bq2167
5/99 B
Li-Ion Power Gauge™ Module
with Pack Supervisor


Similar Part No. - BQ2167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2164 TI-BQ2164 Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
BQ2164B- TI-BQ2164B- Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
BQ2164B-KT TI-BQ2164B-KT Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
BQ2164B-XXX TI-BQ2164B-XXX Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
BQ2164MODULE TI-BQ2164MODULE Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
More results

Similar Description - BQ2167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2168 TI-BQ2168 Datasheet
847Kb / 9P
[Old version datasheet]   Li-Ion Power Gauge??Module with Pack Supervisor
BQ2158T TI-BQ2158T Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ2150H TI-BQ2150H Datasheet
448Kb / 5P
[Old version datasheet]   Li-Ion Power Gauge Module
BQ2150 TI-BQ2150 Datasheet
559Kb / 7P
[Old version datasheet]   Li-Ion Power Gauge??Module
BQ2158 TI-BQ2158 Datasheet
571Kb / 8P
[Old version datasheet]   Three or Four Series Cell Li-Ion Pack Supervisor Module
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com