Electronic Components Datasheet Search |
|
T-12263 Datasheet(PDF) 1 Page - Rhombus Industries Inc. |
|
T-12263 Datasheet(HTML) 1 Page - Rhombus Industries Inc. |
|
1 / 1 page www.rhombus-ind.com TEL: (714) 898-0960 sales@rhombus-ind.com FAX: (714) 896-0971 6SHFLILFDWLRQV VXEMHFW WR FKDQJH ZLWKRXW QRWLFH )RU RWKHU YDOXHV&XVWRP 'HVLJQV FRQWDFW IDFWRU\ UKRPEXV LQGXVWULHV LQF RFHV 2001-01 Schematic "E" Schematic "D" Schematic "C" Schematic "B" DIP Part Impedance Frequency Range (MHz) Schematic Number Ratio Insertion Loss 3 dB Insertion Loss 2 dB Insertion Loss 1 dB Style T-12250 1:1 .050-200 .080-150 .20-80 D T-12251 1:1 .003-300 .010-150 .02-50 D T-12252 2:1 .070-200 .100-100 .50-50 D T-12253 2.5:1 .010-100 .020-50 .05-20 D T-12254 3:1 .050-250 .100-200 .50-70 D T-12255 4:1 .200-350 .350-300 2-100 D T-12256 4:1 .020-250 .050-150 .10-100 D T-12257 5:1 .300-300 .600-200 .50-100 D T-12258 8:1 .030-140 .100-90 1-60 D T-12259 13:1 .300-120 .700-80 5-20 D T-12260 16:1 .030-75 .060-30 10-20 D T-12261 1:1 .150-400 .350-200 2-50 B T-12262 1:1 .010-150 .020-100 .005-50 B T-12263 1.5:1 .100-300 .200-150 .50-80 B T-12264 1.5:1 .020-100 .050-50 .10-25 B T-12265 2.5:1 .010-100 .020-50 .05-20 B T-12266 4:1 .020-200 .050-150 .10-100 B T-12267 9:1 .150-200 .300-150 2-40 B T-12268 16:1 .300-120 .700-80 .50-20 B T-12269 36:1 .030-20 .050-10 .10-5 B T-12270 1:1 .004-500 .020-200 .10-50 C T-12271 1.5:1 .075-500 .200-100 .10-50 C T-12272 2.5:1 .010-50 .025-25 .05-10 C T-12273 4:1 .050-200 .200-50 1-30 C T-12274 25:1 .020-30 .050-20 .10-10 C Schematic "A" .200 (5.08) MAX. .020 (0.38) .315 (8.00) MAX. .038 (0.96) TYP. .100 (2.54) TYP. TYP. .405 (10.29) .425 (10.80) .270 (6.86) .286 (7.27) .010 (0.25) TYP. 6-Pin SMD: T-122XXG .205 (5.21) MAX. (0.30) TYP. .012 .315 (8.00) MAX. .120 (3.05) MIN. .300 (7.62) .285 (7.24) MAX. .020 (0.51) TYP. .100 (2.54) TYP. .050 (1.27) TYP. .010 (0.25) TYP. .008 R (0.20) .365 (9.27) MAX. 6-Pin DIP Add "G" to P/N for SMD Tape & Reel available Impedance Pri. Ind. Rise L L Pri./Sec. Pri. DCR Sec. DCR -3 dB Loss BW DIP Ratio Schem. min. Time max. max. C W/W max. max. max. Low High Part No. ( + 5%) Style ( µH ) ( ns ) ( µH ) ( pF ) ( Ω )( Ω )MHz MHz T-12201 1:1 B 80 2.2 0.15 12 0.20 0.20 0.05 110 T-12202 1CT:1CT C 80 3.0 0.18 15 0.20 0.20 0.05 90 T-12203 1:1CT D 80 3.0 0.18 15 0.20 0.20 0.05 90 T-12204 1:1:1 A 40 2.0 0.10 12 0.16 0.16 0.10 150 T-12205 1:4 B 40 3.0 0.14 15 0.20 0.30 0.10 110 T-12206 1:4CT D 40 3.0 0.14 15 0.20 0.30 0.10 110 T-12207 1:2 B 80 4.0 0.30 18 0.20 0.30 0.05 50 T-12208 1:2CT D 80 3.0 0.20 18 0.20 0.30 0.05 80 T-12209 1:16 B 20 6.0 0.10 10 0.20 0.60 0.20 60 T-12210 1:16CT D 20 6.0 0.10 10 0.20 0.60 0.20 60 Electrical Specifications at 25o C Wideband RF Impedance Matching Transformers Designed for use in 50 Ω Impedance RF, and Fast Rise Time, Pulse Applications. Isolation 1500V RMS minimum Operating Temperature Range: +0 to +70 oC NEW VERSION HIGH ISOLATION 1500V RMS minimum |
Similar Part No. - T-12263 |
|
Similar Description - T-12263 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |