Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2058SN-C5 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ2058SN-C5
Description  Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2058SN-C5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2058SN-C5 Datasheet HTML 5Page - Texas Instruments BQ2058SN-C5 Datasheet HTML 6Page - Texas Instruments BQ2058SN-C5 Datasheet HTML 7Page - Texas Instruments BQ2058SN-C5 Datasheet HTML 8Page - Texas Instruments BQ2058SN-C5 Datasheet HTML 9Page - Texas Instruments BQ2058SN-C5 Datasheet HTML 10Page - Texas Instruments BQ2058SN-C5 Datasheet HTML 11Page - Texas Instruments BQ2058SN-C5 Datasheet HTML 12Page - Texas Instruments BQ2058SN-C5 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
bq2058
DC Electrical Characteristics (TA =TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions/Notes
VOH
Output high voltage
VCC - 0.5
--
V
IOH = 10
µA, CHG, DSG
VOL
Output low voltage
-
-
VSS + 0.5
V
IOL = 10
µA, CHG, DSG
VOP
Operating voltage
4
-
18.0
V
VCC relative to VSS
VIL
Input low voltage
-
-
VSS + 0.5
V
Pin CTL
VIH
Input high voltage
VSS + 2.0
-
-
V
Pin CTL
VIL
Input low voltage
-
-
VSS + 0.5
V
Pin NSEL
VIH
Input high voltage
VCC - 0.5
-
-
-
Pin NSEL
ICCA
Active current
-
25
40
µA
ICCS
Sleep current
-
0.7
1.5
µA
DC Thresholds (TA =TOPR)
Symbol
Parameter
Value
Unit
Tolerance
Conditons
VOV
Overvoltage threshold
(See Figure 5)
4.25
V
±50mV
See note 1
4.375
V
±55mV
For bq2058G only
See note 3
Table 2
Customer option
VCE
Charge enable threshold
VOV - 150mV
V
±50mV
VOV - 200mV
V
±50mV
For bq2058W only
VUV
Undervoltage threshold
2.25
V
±100mV
2.10
V
±100mV
For bq2058W only
VOCH
Overcurrent detect high-side
160
mV
±35mV
VOCL
Overcurrent detect low-side
160
mV
±35mV
VCD
Charge detect threshold
70
mV
-60mV, +80mV
tOVD
Overvoltage delay threshold
950
ms
±40%
COVD = 0.100
µF, TA = 30°C
See note 2
tUVD
Undervoltage delay threshold
950
ms
±40%
CUVD = 0.100
µF, TA = 30°C
See note 2
tOCD
Overcurrent delay threshold
12
ms
±40%
COCD = 0.01
µF, TA = 30°C
Notes:
1. Standard device. Contact Unitrode for different thresholds and tolerance options.
2. Does not include cell sampling delay, which may add up to 160ms of additional delay until the
condition is detected.
3. bq2058G is designed only for 3-cell applications.


Similar Part No. - BQ2058SN-C5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058T TI-BQ2058T Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TR TI-BQ2058TR Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TRSN TI-BQ2058TRSN Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TRSN-C2 TI-BQ2058TRSN-C2 Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TSN TI-BQ2058TSN Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
More results

Similar Description - BQ2058SN-C5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058T TI-BQ2058T Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
logo
NXP Semiconductors
NE57605 PHILIPS-NE57605 Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
logo
Shenzhen Huazhimei Semi...
HM5431A HMSEMI-HM5431A Datasheet
1Mb / 10P
   single-cell lithium-ion/lithium polymer rechargeable battery packs
DW01A HMSEMI-DW01A Datasheet
1Mb / 7P
   Protection IC for One-Cell Lithium-Ion / Lithium-Polymer Battery Pack
logo
Texas Instruments
BQ2158T TI-BQ2158T Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Samsung semiconductor
ICR18650-22F SAMSUNG-ICR18650-22F Datasheet
218Kb / 18P
   for Lithium-ion Rechargeable Cell
01 19/ 11/ 2007
ICR18650-30B SAMSUNG-ICR18650-30B Datasheet
403Kb / 17P
   for Lithium-ion Rechargeable Cell
1.1
logo
HYCON Technology Corpor...
HY2131 HYCON-HY2131 Datasheet
1Mb / 27P
   Protection IC for 2/3-Cell Lithium Ion/Lithium Polymer
logo
Texas Instruments
BQ29330 TI-BQ29330 Datasheet
1Mb / 26P
[Old version datasheet]   2-,3-,AND 4-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com