Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2058WSN Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ2058WSN
Description  Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2058WSN Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ2058WSN Datasheet HTML 6Page - Texas Instruments BQ2058WSN Datasheet HTML 7Page - Texas Instruments BQ2058WSN Datasheet HTML 8Page - Texas Instruments BQ2058WSN Datasheet HTML 9Page - Texas Instruments BQ2058WSN Datasheet HTML 10Page - Texas Instruments BQ2058WSN Datasheet HTML 11Page - Texas Instruments BQ2058WSN Datasheet HTML 12Page - Texas Instruments BQ2058WSN Datasheet HTML 13Page - Texas Instruments BQ2058WSN Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
bq2058
Data Sheet Revision History
Change No.
Page No.
Description
Nature of Change
1
1, 2, 5
PACK+, PACK-
Pins renamed to CSH and CSL respectively
11
Pin description
Added CSH/CSL description
13
Block diagram
Update Block diagram
1
4
Figure 2
Update typical application circuit
1
4
Configuration description
Correction to description
1, 2
5
Overcurrent limits
Was: VOCH = 150mV ± 25mV
VOCL = 85mV ± 25mV
Is: VOCH = 160mV ± 25mV
VOCL = 100mV ± 25mV
1
7
Figure 3
Update Event diagram
1, 2
9
DC threshold
Was: VOCH = 150mV ± 25mV
VOCL = 100mV ± 80mV
VCD = 70mV -60, +50mV
Is: VOCH = 160mV ± 25mV
VOCL = 100mV ± 25mV
VCD = 70mV -60, +80mV
3
1, 3, 5
High-side overcurrent monitored
Was: Between VCC and CSH,
Is: Between BAT1P and CSH
3
4
Overvoltage threshold options
Added bq2058R
3
3, 5
Overcurrent limit
Was: VOCL = 100mV, Is: VOCL = 150mV
4
4
Figure 2
Corrected schematic
4
6, 8
Protection Delay Times
Was: tOCD = 10ms
±30%
tOVD = 800ms
±30%
tUVD = 800ms
±40%
Is: tOCD = 12ms
±40%
tOVD = 950ms
±40%
tUVD = 950ms
±40%
4
10
Overcurrent limits
Was: VOCH = 160mV ±25mV
VOCL = 150mV ±25mV
Is:
VOCH = 160mV ±35mV
VOCL = 160mV ±35mV
55, 9
Overvoltage threshold
Charge enable threshold
Undervoltage threshold
Added bq2058W
6
9
DC electrical characteristics
Was: Minimum VOP = 0V, Is: Minimum VOP = 4V
7
5, 9
Overvoltage threshold
Added bq2058C and bq2058G
8
4
Reference circuit amended
Moved D1 to new location
Notes:
Change 1 = Feb. 1997 B changes from Jan. 1997 A. Change 2 = April 1997 C changes from Feb. 1997 B.
Change 3 = June 1997 D changes from April 1997 C. Change 4 = July 1997 E changes from June 1997 D.
Change 5 = Feb. 1998 F changes from July 1997 E. Change 6 = May 1998 G changes from Feb. 1998 F.
Change 7 = June 1998 H changes from May 1998 G.
Change 8 = Jan. 1999 I changes from June 1998 H.


Similar Part No. - BQ2058WSN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058T TI-BQ2058T Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TR TI-BQ2058TR Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TRSN TI-BQ2058TRSN Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TRSN-C2 TI-BQ2058TRSN-C2 Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TSN TI-BQ2058TSN Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
More results

Similar Description - BQ2058WSN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058T TI-BQ2058T Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
logo
NXP Semiconductors
NE57605 PHILIPS-NE57605 Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
logo
Shenzhen Huazhimei Semi...
HM5431A HMSEMI-HM5431A Datasheet
1Mb / 10P
   single-cell lithium-ion/lithium polymer rechargeable battery packs
DW01A HMSEMI-DW01A Datasheet
1Mb / 7P
   Protection IC for One-Cell Lithium-Ion / Lithium-Polymer Battery Pack
logo
Texas Instruments
BQ2158T TI-BQ2158T Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Samsung semiconductor
ICR18650-22F SAMSUNG-ICR18650-22F Datasheet
218Kb / 18P
   for Lithium-ion Rechargeable Cell
01 19/ 11/ 2007
ICR18650-30B SAMSUNG-ICR18650-30B Datasheet
403Kb / 17P
   for Lithium-ion Rechargeable Cell
1.1
logo
HYCON Technology Corpor...
HY2131 HYCON-HY2131 Datasheet
1Mb / 27P
   Protection IC for 2/3-Cell Lithium Ion/Lithium Polymer
logo
Texas Instruments
BQ29330 TI-BQ29330 Datasheet
1Mb / 26P
[Old version datasheet]   2-,3-,AND 4-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com