Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2058FSN Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ2058FSN
Description  Lithium Ion Pack Supervisor for 3- and 4-Cell Packs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2058FSN Datasheet(HTML) 1 Page - Texas Instruments

  BQ2058FSN Datasheet HTML 1Page - Texas Instruments BQ2058FSN Datasheet HTML 2Page - Texas Instruments BQ2058FSN Datasheet HTML 3Page - Texas Instruments BQ2058FSN Datasheet HTML 4Page - Texas Instruments BQ2058FSN Datasheet HTML 5Page - Texas Instruments BQ2058FSN Datasheet HTML 6Page - Texas Instruments BQ2058FSN Datasheet HTML 7Page - Texas Instruments BQ2058FSN Datasheet HTML 8Page - Texas Instruments BQ2058FSN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Features
➤ Protects and individually moni-
tors three or four Li-Ion series
cells for overvoltage, undervolt-
age
➤ Monitors pack for overcurrent
➤ Designed for battery pack inte-
gration
➤ Minimal external components
➤ Drives external FET switches
➤ Selectable overvoltage (VOV)
thresholds
- Mask-programmable by
Unitrode
- Standard version–4.25V
➤ Supply current: 25µA typical
➤ Sleep current: 0.7µA typical
➤ 16-pin 150-mil narrow SOIC
General Description
The bq2058 Lithium Ion Pack Super-
visor is designed to control the charge
and discharge cell voltages for three or
four lithium ion (Li-Ion) series cells,
accommodating battery packs contain-
ing series/parallel configurations. The
low operating current does not over-
discharge the cells during periods of
storage and does not significantly in-
crease the system discharge load. The
bq2058 can be part of a low-cost Li-Ion
charge control system within the bat-
tery pack.
The bq2058 controls two external FETs
to limit the charge and discharge poten-
tials. The bq2058 allows charging when
each individual cell voltage is below VOV
(overvoltage limit). If the voltage on any
cell exceeds VOV for a user-configurable
delay period (tOVD), the
CHG pin is
driven high, shutting off charge to the
battery pack. This safety feature pre-
vents overcharge of any cell within
the battery pack. After an overvolt-
age condition occurs, each cell must
fall below VCE (charge enable voltage)
for the bq2058 to re-enable charging.
The bq2058 protects batteries from
overdischarge. If the voltage on any
cell falls below VUV (undervoltage
limit) for a user-configurable delay pe-
riod (tUVD), the DSG output is driven
high, shutting off the battery dis-
charge. This safety feature prevents
overdischarge of any cell within the
battery pack.
The bq2058 also stops discharge on
detection of an overcurrent condition,
such as a short circuit. If an overcur-
rent condition occurs for a user-
configurable delay period (tOCD), the
DSG output is driven high, disconnect-
ing the load from the pack. DSG re-
mains high until removal of the short
circuit or overcurrent condition.
bq2058
Lithium Ion Pack Supervisor
for 3- and 4-Cell Packs
1
PN205801.eps
16-Pin Narrow SOIC
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DSG
NSEL
UVD
OVD
OCD
VCC
CSH
BAT1P
CHG
CTL
VSS
CSL
BAT4N
BAT3N
BAT2N
BAT1N
Pin Connections
CHG
Charge control output
CTL
Pack disable input
VSS
Low potential input
CSL
Current sense low-side
input
BAT4N
Battery 4 negative input
BAT3N
Battery 3 negative input
BAT2N
Battery 2 negative input
BAT1N
Battery 1 negative input
DSG
Discharge control output
NSEL
3- or 4-cell selection
UVD
Undervoltage delay input
OVD
Overvoltage delay input
OCD
Overcurrent delay input
VCC
High potential input
CSH
Current sense high-side
input
BAT1P
Battery 1 positive input
Pin Names
1/99 I


Similar Part No. - BQ2058FSN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058T TI-BQ2058T Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TR TI-BQ2058TR Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TRSN TI-BQ2058TRSN Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TRSN-C2 TI-BQ2058TRSN-C2 Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
BQ2058TSN TI-BQ2058TSN Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
More results

Similar Description - BQ2058FSN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058T TI-BQ2058T Datasheet
101Kb / 18P
[Old version datasheet]   Lithium Ion Pack Supervisor For 2-Cell Packs
logo
NXP Semiconductors
NE57605 PHILIPS-NE57605 Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
logo
Shenzhen Huazhimei Semi...
HM5431A HMSEMI-HM5431A Datasheet
1Mb / 10P
   single-cell lithium-ion/lithium polymer rechargeable battery packs
DW01A HMSEMI-DW01A Datasheet
1Mb / 7P
   Protection IC for One-Cell Lithium-Ion / Lithium-Polymer Battery Pack
logo
Texas Instruments
BQ2158T TI-BQ2158T Datasheet
460Kb / 8P
[Old version datasheet]   Two Series Cell Li-Ion Pack Supervisor Module
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Samsung semiconductor
ICR18650-22F SAMSUNG-ICR18650-22F Datasheet
218Kb / 18P
   for Lithium-ion Rechargeable Cell
01 19/ 11/ 2007
ICR18650-30B SAMSUNG-ICR18650-30B Datasheet
403Kb / 17P
   for Lithium-ion Rechargeable Cell
1.1
logo
HYCON Technology Corpor...
HY2131 HYCON-HY2131 Datasheet
1Mb / 27P
   Protection IC for 2/3-Cell Lithium Ion/Lithium Polymer
logo
Texas Instruments
BQ29330 TI-BQ29330 Datasheet
1Mb / 26P
[Old version datasheet]   2-,3-,AND 4-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com