Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2502MA Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ2502MA
Description  Integrated Backup Unit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2502MA Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2502MA Datasheet HTML 4Page - Texas Instruments BQ2502MA Datasheet HTML 5Page - Texas Instruments BQ2502MA Datasheet HTML 6Page - Texas Instruments BQ2502MA Datasheet HTML 7Page - Texas Instruments BQ2502MA Datasheet HTML 8Page - Texas Instruments BQ2502MA Datasheet HTML 9Page - Texas Instruments BQ2502MA Datasheet HTML 10Page - Texas Instruments BQ2502MA Datasheet HTML 11Page - Texas Instruments BQ2502MA Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Apr. 1991
Typical Battery Characteristics (source = Panasonic)
1.50
2.00
2.50
3.00
3.50
0
1000
2000
3000
4000
5000
Voltage
(V)
Duration (hours)
15K
(190 A)
30K
(95 A)
100K
(29 A)
Temp: 20˚C (68˚F)
CR1632 Load Characteristics
Capacity
(mAh)
0
25
50
75
100
125
150
1
10
100
60˚C (140˚F
20˚C (68˚F)
Load (K )
|
2000
|
1000
|
500
|
300
|
200
|
100
|
50
|
30
Cut off V: 2.0V
( A)
CR1632 Capacity vs. Load Resistance
bq2502


Similar Part No. - BQ2502MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25010 TI-BQ25010 Datasheet
295Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
logo
Cirrus Logic
BQ25010EVM APEX-BQ25010EVM Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
logo
Texas Instruments
BQ25010RHLR TI-BQ25010RHLR Datasheet
295Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
BQ25011 TI-BQ25011 Datasheet
295Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
BQ25011RHLR TI-BQ25011RHLR Datasheet
295Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
More results

Similar Description - BQ2502MA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68340 MOTOROLA-MC68340 Datasheet
701Kb / 24P
   Integrated Processor Unit
logo
Cymbet Corporation
CBC34813 CYMBET-CBC34813 Datasheet
981Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
DS-72-31 CYMBET-DS-72-31 Datasheet
1Mb / 14P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
logo
Emcore Corporation
SIRU2300 EMCORE-SIRU2300_11 Datasheet
208Kb / 2P
   Small Integrated Receiver Unit
SITU2011 EMCORE-SITU2011 Datasheet
284Kb / 3P
   Small Integrated Transmitter Unit
logo
Cymbet Corporation
DS-72-34 CYMBET-DS-72-34 Datasheet
1Mb / 18P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
CBC34803 CYMBET-CBC34803 Datasheet
511Kb / 9P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
logo
Emcore Corporation
SITU2400 EMCORE-SITU2400 Datasheet
298Kb / 3P
   Small Integrated Transmitter Unit
SIRU2300 EMCORE-SIRU2300 Datasheet
207Kb / 2P
   Small Integrated Receiver Unit
SIRU3040 EMCORE-SIRU3040 Datasheet
188Kb / 2P
   Small Integrated Receiver Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com