Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2203ASNTR Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ2203ASNTR
Description  NV Controller With Battery Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2203ASNTR Datasheet(HTML) 4 Page - Texas Instruments

  BQ2203ASNTR Datasheet HTML 1Page - Texas Instruments BQ2203ASNTR Datasheet HTML 2Page - Texas Instruments BQ2203ASNTR Datasheet HTML 3Page - Texas Instruments BQ2203ASNTR Datasheet HTML 4Page - Texas Instruments BQ2203ASNTR Datasheet HTML 5Page - Texas Instruments BQ2203ASNTR Datasheet HTML 6Page - Texas Instruments BQ2203ASNTR Datasheet HTML 7Page - Texas Instruments BQ2203ASNTR Datasheet HTML 8Page - Texas Instruments BQ2203ASNTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Recommended DC Operating Conditions (TA =TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
VCC
Supply voltage
4.75
5.0
5.5
V
THS = VSS
4.50
5.0
5.5
V
THS = VCC
VBCP
Backup cell input voltage
2.0
-
4.0
V
VCC <VBC
VBCS
2.0
-
4.0
V
VCC <VBC
VSS
Supply voltage
0
0
0
V
VIL
Input low voltage
-0.3
-
0.8
V
VIH
Input high voltage
2.2
-
VCC + 0.3
V
THS
Threshold select
-0.3
-
VCC + 0.3
V
Note:
Typical values indicate operation at TA = 25°C, VCC =5V.
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
Conditions
VCC
DC voltage applied on VCC relative to VSS
-0.3 to +7.0
V
VT
DC voltage applied on any pin excluding VCC
relative to VSS
-0.3 to +7.0
V
VT ≤ VCC + 0.3
TOPR
Operating temperature
0 to 70
°C
Commercial
-40 to +85
°C
“N” Industrial
TSTG
Storage temperature
-55 to +125
°C
TBIAS
Temperature under bias
-40 to +85
°C
TSOLDER
Soldering temperature
260
°C
For 10 seconds
IOUT
VOUT current
200
mA
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional opera-
tion should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Expo-
sure to conditions beyond the operational limits for extended periods of time may affect device reliability.
Nov. 1994 B
bq2203A


Similar Part No. - BQ2203ASNTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2201 TI-BQ2201 Datasheet
107Kb / 12P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
BQ2201 TI1-BQ2201 Datasheet
303Kb / 15P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
BQ2201PN TI-BQ2201PN Datasheet
107Kb / 12P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
BQ2201PN TI1-BQ2201PN Datasheet
303Kb / 15P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
BQ2201PNE4 TI1-BQ2201PNE4 Datasheet
303Kb / 15P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
More results

Similar Description - BQ2203ASNTR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1312 DALLAS-DS1312_04 Datasheet
188Kb / 11P
   Nonvolatile Controller with Lithium Battery Monitor
logo
Maxim Integrated Produc...
DS1312 MAXIM-DS1312 Datasheet
507Kb / 12P
   Nonvolatile Controller with Lithium Battery Monitor
19-6306; Rev 6/12
logo
Dallas Semiconductor
DS1312 DALLAS-DS1312 Datasheet
202Kb / 11P
   Nonvolatile Controller with Lithium Battery Monitor
logo
ARTSCHIP ELECTRONICS CO...
DS1312 ARTSCHIP-DS1312 Datasheet
322Kb / 10P
   Nonvolatile Controller with Lithium Battery Monitor
logo
Dallas Semiconductor
DS1314 DALLAS-DS1314_05 Datasheet
188Kb / 11P
   3V Nonvolatile Controller with Lithium Battery Monitor
logo
Maxim Integrated Produc...
DS1321 MAXIM-DS1321 Datasheet
534Kb / 13P
   Flexible Nonvolatile Controller with Lithium Battery Monitor
Rev 6/12
logo
Dallas Semiconductor
DS1321 DALLAS-DS1321_04 Datasheet
202Kb / 12P
   Flexible Nonvolatile Controller with Lithium Battery Monitor
DS1314 DALLAS-DS1314 Datasheet
201Kb / 11P
   3V Nonvolatile Controller with Lithium Battery Monitor
logo
Maxim Integrated Produc...
DS1314 MAXIM-DS1314 Datasheet
490Kb / 12P
   3V Nonvolatile Controller with Lithium Battery Monitor
19-6307; Rev 6/12
logo
Dallas Semiconductor
DS1321 DALLAS-DS1321 Datasheet
220Kb / 12P
   Flexible Nonvolatile Controller with Lithium Battery Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com