Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ3285P- Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ3285P-
Description  Real-Time Clock RTC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3285P- Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ3285P- Datasheet HTML 7Page - Texas Instruments BQ3285P- Datasheet HTML 8Page - Texas Instruments BQ3285P- Datasheet HTML 9Page - Texas Instruments BQ3285P- Datasheet HTML 10Page - Texas Instruments BQ3285P- Datasheet HTML 11Page - Texas Instruments BQ3285P- Datasheet HTML 12Page - Texas Instruments BQ3285P- Datasheet HTML 13Page - Texas Instruments BQ3285P- Datasheet HTML 14Page - Texas Instruments BQ3285P- Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
Conditions
VCC
DC voltage applied on VCC relative to VSS
-0.3 to 7.0
V
VT
DC voltage applied on any pin excluding VCC
relative to VSS
-0.3 to 7.0
V
VT ≤ VCC + 0.3
TOPR
Operating temperature
0 to +70
°C
Commercial
TSTG
Storage temperature
-55 to +125
°C
TBIAS
Temperature under bias
-40 to +85
°C
TSOLDER
Soldering temperature
260
°C
For 10 seconds
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional opera-
tion should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Expo-
sure to conditions beyond the operational limits for extended periods of time may affect device reliability.
Recommended DC Operating Conditions (T
A = TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VCC
Supply voltage
4.5
5.0
5.5
V
VSS
Supply voltage
0
0
0
V
VIL
Input low voltage
-0.3
-
0.8
V
VIH
Input high voltage
2.2
-
VCC + 0.3
V
VBC
Backup cell voltage
2.5
-
4.0
V
Note:
Typical values indicate operation at TA = 25°C.
Jan. 1999 E
bq3285


Similar Part No. - BQ3285P-

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285P-SB2 TI1-BQ3285P-SB2 Datasheet
614Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285P-SB2E3 TI1-BQ3285P-SB2E3 Datasheet
614Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
More results

Similar Description - BQ3285P-

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
[Old version datasheet]   REAL-TIME CLOCK (RTC)
BQ3285 TI1-BQ3285_15 Datasheet
614Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
logo
National Semiconductor ...
DP8572A NSC-DP8572A Datasheet
367Kb / 22P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285EC TI-BQ3285EC Datasheet
831Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285ED TI-BQ3285ED Datasheet
159Kb / 27P
[Old version datasheet]   Real-Time Clock (RTC)
logo
UMC Corporation
UM82C8167 UMC-UM82C8167 Datasheet
617Kb / 7P
   Real-Time Clock(RTC)
logo
Texas Instruments
BQ3285ED TI1-BQ3285ED_16 Datasheet
674Kb / 28P
[Old version datasheet]   Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com