Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEM-2A-500 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # BEM-2A-500
Description  BIPHASE MODULATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

BEM-2A-500 Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  BEM-2A-500 Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GENERAL SPECIFICATIONS
Impedance:
5
0
Ω nom.
RF Input Level:
– 3 dBm max.
VSWR:
2.0:1 max.
Switching Speed:
5 nS typ.
(50% Control to 90% RF)
Data Signal Levels:
ECL compatible
(terminated or unterminated)
Power Supplies:
– 5.2 VDC
(@ 40 mA nom.)
Operating Temp:
– 55° to +85°C
AVAILABLE OPTIONS
Direct (No Driver)
As BPM series
Integral TTL Driver:
As BTM series
Other frequencies:
Up to 2500 MHz.
Consult with factory
General Notes:
1. The BEM and BETM-2A series of Biphase Modulators cover the frequency range of 2 to 2000 MHz and can be driven directly by standard
ECL using only a – 5.2 V supply. Custom units covering up to 2500 MHz may be obtained. Consult with the factory.
2. The BEM-2A series requires an external 50
Ω logic input termination while the BETM-2A series includes an internal 50Ω logic input termination.
Comparable TTL versions are available in a similar package or a non-connectorized Meri-Pac
™ or flatpack (see BTF-2A series). Units without
integral TTL drivers are available in the BPM-2A series.
3. Merrimac Biphase Modulators cover a variety of frequency bands while providing wide bandwidths suitable for most applications.
4. All units comply with the applicable sections of MIL-M-28837 and may be supplied screened for compliance with additional specifications for
military and space applications requiring the highest reliability.
PRINCIPAL SPECIFICATIONS
Model
Model
Frequency
Insertion
Amplitude
Phase
Carrier
Weight
Number,
Number,
Range,
Loss, dB,
Balance, dB,
Balance
Suppression oz (g),
Unterminated
Terminated
MHz
Max. Typ.
Max.
Typ.
Max.
Typ.
Typ.
Nom.
BEM-2A-250
BETM-2A-250
2 – 500
3.5
2.5
0.3
0.10
±4°
±2°
– 40 dBc
1.5 (42)
BEM-2A-500
BETM-2A-500
10 – 500
3
2
0.3
0.20
±3°
±1°
– 40 dBc
1.5 (42)
500 – 1000
4
3
0.5
0.20
±4°
±2°
– 35 dBc
BEM-2A-1500 BETM-2A-1500 1000 – 2000
6
5
0.75
0.25
±5°
±2°
– 30 dBc
1.5 (42)
22Feb96
For further informationcontact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
BEM & BETM-2ASeries
BIPHASEMODULATORS
2 to 2000 MHz / ECL Input / Uses -5.2 Volt Power Supply / SMA Connectors
Package Outline


Similar Part No. - BEM-2A-500

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
BEM-23346-D47 KNOWLES-BEM-23346-D47 Datasheet
116Kb / 2P
   MICROPHONE
BEM-23368-D47 KNOWLES-BEM-23368-D47 Datasheet
116Kb / 2P
   MICROPHONE
BEM-24368-D47 KNOWLES-BEM-24368-D47 Datasheet
116Kb / 2P
   MICROPHONE
More results

Similar Description - BEM-2A-500

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
BPF-2A-250 MERRIMAC-BPF-2A-250 Datasheet
162Kb / 1P
   BIPHASE MODULATORS
BPM-2A-250 MERRIMAC-BPM-2A-250 Datasheet
186Kb / 1P
   BIPHASE MODULATORS
BPP-2N-500 MERRIMAC-BPP-2N-500 Datasheet
144Kb / 1P
   BIPHASE MODULATORS
BTF-2A-500 MERRIMAC-BTF-2A-500 Datasheet
76Kb / 1P
   BIPHASE MODULATOR
BTM-2A-250 MERRIMAC-BTM-2A-250 Datasheet
113Kb / 1P
   BIPHASE MODULATOR
BPG-2B-505 MERRIMAC-BPG-2B-505 Datasheet
71Kb / 1P
   BIPHASE MODULATOR
BPG-2A-500 MERRIMAC-BPG-2A-500 Datasheet
96Kb / 1P
   BIPHASE MODULATOR
M-109A MERRIMAC-M-109A Datasheet
81Kb / 1P
   BIPHASE MODULATOR
BTG-2B-500 MERRIMAC-BTG-2B-500 Datasheet
76Kb / 1P
   BIPHASE MODULATOR
logo
Semtech Corporation
SC2422A SEMTECH-SC2422A Datasheet
114Kb / 10P
   BIPHASE CURRENT MODE CONTROLLER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com