Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBP-20N-1250 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # CBP-20N-1250
Description  WIDEBAND DIRECTIONAL COUPLERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

CBP-20N-1250 Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  CBP-20N-1250 Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Meri-Pac
™ N-Package Outline
GENERAL SPECIFICATIONS
Impedance:
50
Ω nom.
CW Input:
1 W max.
Operating Temperature:
-- 55° to +85°C
OPTIONS
Coupling Values:
5 to 30 dB
Frequency Bands
up to 2.5 GHz
Close tolerance Coupling:
± 0.5 dB
Bi-Directional Equivalents: see CRP series
General Notes:
1. Directional couplers find application in monitoring
incident and reflected power, signal sampling for
control loops, as well as signal injection devices in
BITE systems. These Directional Couplers may be
used back-to-back as Dual Directional Couplers or
ordered with both coupled ports available configured
as Bi-Directional Couplers as in the CRP-N series.
2. Merrimac Couplers may be ordered with specific
coupling values up to 30 dB and over selected
frequency bands up to 18 GHz.
3. All Merrimac Couplers comply with MIL-C-15370 and
can be supplied screened for compliance with
additional specifications you designate for military and
aerospace applications requiring higher reliability.
PRINCIPAL SPECIFICATIONS
Frequency Performance ¤ Coupling
Frequency
Directivity,
*Insertion
Model
Range,
Bandwidth,
Value,
Sensitivity,
dB,
Loss, dB,
VSWR
Number
MHz
MHz
dB, Nom.
dB, Max.
Min.
Max.
Max.
CBP-10N-375
5 - 750
5 - 750
10
±1.0
± 0.5
20
1.3
1.5:1
CBP- 20N-375
5 - 750
5 - 750
20
±1.0
± 0.75
18
1.0
1.5:1
10 - 400
20
±1.0
± 0.5
20
0.6
1.3:1
CBP-11N-1250
100 - 2000
100 - 2000
11
±1.0
± 0.5
18
1.5
1.7:1
500 - 1000
11
±1.0
± 0.5
20
1.2
1.5:1
CBP-20N-1250
100 - 2000
100 - 2000
20
±1.0
± 0.5
18
1.5
1.7:1
500 - 1000
20
±1.0
± 0.5
20
1.2
1.5:1
¤ Coupling is Referenced to the Input
* Insertion Loss excludes Coupling Loss
CBP-N Series
WIDEBAND DIRECTIONAL COUPLERS
5 to 2000 MHz / Multi-Octave / Low Profile and Minimal Size / Requires No Lead-Forming / Meri-
Pac
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over millimeters.
3. Lead dimensions apply only at body.
4. All unmarked pins are case ground.
25Mar96


Similar Part No. - CBP-20N-1250

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CBP-20BA COOPER-CBP-20BA Datasheet
269Kb / 5P
   Automotive Circuit Breakers
More results

Similar Description - CBP-20N-1250

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CRZ-11B-500 MERRIMAC-CRZ-11B-500 Datasheet
26Kb / 1P
   WIDEBAND DIRECTIONAL COUPLERS
CBZ-11B-500 MERRIMAC-CBZ-11B-500 Datasheet
23Kb / 1P
   WIDEBAND DIRECTIONAL COUPLERS
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
   DIRECTIONAL COUPLERS
logo
Anaren Microwave
10930-6 ANAREN-10930-6_14 Datasheet
159Kb / 4P
   Directional Couplers
1X505 ANAREN-1X505 Datasheet
83Kb / 2P
   Directional Couplers
10013-10 ANAREN-10013-10 Datasheet
134Kb / 3P
   Directional Couplers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com