Electronic Components Datasheet Search |
|
BQ3285LCSS- Datasheet(PDF) 11 Page - Texas Instruments |
|
BQ3285LCSS- Datasheet(HTML) 11 Page - Texas Instruments |
11 / 26 page 11 bq3285EC/LC Absolute Maximum Ratings—bq3285EC Symbol Parameter Value Unit Conditions VCC DC voltage applied on VCC relative to VSS -0.3 to 7.0 V VT DC voltage applied on any pin excluding VCC relative to VSS -0.3 to 7.0 V VT ≤ VCC + 0.3 TOPR Operating temperature 0 to +70 °C Commercial TSTG Storage temperature -55 to +125 °C TBIAS Temperature under bias -40 to +85 °C TSOLDER Soldering temperature 260 °C For 10 seconds Note: Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional opera- tion should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Expo- sure to conditions beyond the operational limits for extended periods of time may affect device reliability. July 1996 Absolute Maximum Ratings—bq3285LC Symbol Parameter Value Unit Conditions VCC DC voltage applied on VCC relative to VSS -0.3 to 7.0 V VT DC voltage applied on any pin excluding VCC relative to VSS -0.3 to 7.0 V VT ≤ VCC + 0.3 TOPR Operating temperature 0 to +70 °C Commercial TSTG Storage temperature -55 to +125 °C TBIAS Temperature under bias -40 to +85 °C TSOLDER Soldering temperature 260 °C For 10 seconds Note: Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional opera- tion should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Expo- sure to conditions beyond the operational limits for extended periods of time may affect device reliability. |
Similar Part No. - BQ3285LCSS- |
|
Similar Description - BQ3285LCSS- |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |