Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ3285LD Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ3285LD
Description  Real-Time Clock (RTC)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3285LD Datasheet(HTML) 3 Page - Texas Instruments

  BQ3285LD Datasheet HTML 1Page - Texas Instruments BQ3285LD Datasheet HTML 2Page - Texas Instruments BQ3285LD Datasheet HTML 3Page - Texas Instruments BQ3285LD Datasheet HTML 4Page - Texas Instruments BQ3285LD Datasheet HTML 5Page - Texas Instruments BQ3285LD Datasheet HTML 6Page - Texas Instruments BQ3285LD Datasheet HTML 7Page - Texas Instruments BQ3285LD Datasheet HTML 8Page - Texas Instruments BQ3285LD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
DS
Data strobe input
When MOT = VCC, DS controls data trans-
fer during a bq3285ED/LD bus cycle. Dur-
ing a read cycle, the bq3285ED/LD drives
the bus after the rising edge on DS. During
a write cycle, the falling edge on DS is used
to latch write data into the chip.
When MOT = VSS, the DS input is provided
a signal similar to RD, MEMR, or I/OR in
an Intel-based system. The falling edge on
DS is used to enable the outputs during a
read cycle.
R/W
Read/write input
When MOT = VCC, the level on R/W identi-
fies the direction of data transfer. A high
level on R/W indicates a read bus cycle,
whereas a low on this pin indicates a write
bus cycle.
When MOT = VSS, R/W is provided a signal
similar to WR, MEMW, or I/OW in an Intel-
based system.
The rising edge on R/W
latches data into the bq3285ED/LD.
CS
Chip select input
CS should be driven low and held stable
during the data-transfer phase of a bus cy-
cle accessing the bq3285ED/LD.
INT
Interrupt request output
INT is an open-drain output. This allows
alarm INT to be valid in battery-backup
mode. To use this feature, connect INT
through a resistor to a power supply other
than VCC. INT is asserted low when any
event flag is set and the corresponding
event enable bit is also set. INT becomes
high-impedance whenever register C is read
(see the Control/Status Registers section).
32K
32.768 kHz output
32K provides a buffered 32.768 kHz output.
The frequency remains on and fixed at
32.768kHz as long as VCC is valid.
EXTRAM
Extended RAM enable
Enables 128 bytes of additional nonvolatile
SRAM. It is connected internally to a 30k
pull-down resistor. To access the RTC regis-
ters, EXTRAM must be low.
RCL
RAM clear input
A low level on the RCL pin causes the con-
tents of each of the 242 storage bytes to be
set to FF(hex). The contents of the clock
and control registers are unaffected. This
pin should be used as a user-interface input
(pushbutton to ground) and not connected
to the output of any active component. RCL
input is only recognized when held low for
at least 125ms in the presence of VCC. Us-
ing RAM clear does not affect the battery
load. This pin is connected internally to a
30k
Ω pull-up resistor.
BC
3V backup cell input
BC should be connected to a 3V backup cell
for RTC operation and storage register non-
volatility in the absence of system power.
When VCC slews down past VBC (3V typi-
cal), the integral control circuitry switches
the power source to BC. When VCC returns
above VBC, the power source is switched to
VCC.
Upon power-up, a voltage within the VBC
range must be present on the BC pin for
the oscillator to start up.
RST
Reset input
The bq3285ED/LD is reset when RST is
pulled low. When reset, INT becomes high
impedance, and the bq3285ED/LD is not ac-
cessible. Table 4 in the Control/Status Reg-
isters section lists the register bits that are
cleared by a reset.
Reset may be disabled by connecting RST
to VCC. This allows the control bits to re-
tain
their
states
through
power-
down/power-up cycles.
X1–X2
Crystal inputs
The X1–X2 inputs are provided for an ex-
ternal 32.768kHz quartz crystal, Daiwa
DT-26 or equivalent, with 6pF load capaci-
tance. A trimming capacitor may be neces-
sary for extremely precise time-base gen-
eration.
In the absence of a crystal, a 32.768kHz
waveform can be fed into the X1 input.
3
bq3285ED/LD
July 1997


Similar Part No. - BQ3285LD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq3285LD TI1-bq3285LD Datasheet
674Kb / 28P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285LDSS TI1-BQ3285LDSS Datasheet
674Kb / 28P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285LDSSG4 TI1-BQ3285LDSSG4 Datasheet
674Kb / 28P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285LDSSTR TI1-BQ3285LDSSTR Datasheet
674Kb / 28P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285LDSSTRG4 TI1-BQ3285LDSSTRG4 Datasheet
674Kb / 28P
[Old version datasheet]   Real-Time Clock (RTC)
More results

Similar Description - BQ3285LD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
[Old version datasheet]   Real-Time Clock RTC
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
[Old version datasheet]   REAL-TIME CLOCK (RTC)
BQ3285 TI1-BQ3285_15 Datasheet
614Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
logo
National Semiconductor ...
DP8572A NSC-DP8572A Datasheet
367Kb / 22P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285EC TI-BQ3285EC Datasheet
831Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
logo
UMC Corporation
UM82C8167 UMC-UM82C8167 Datasheet
617Kb / 7P
   Real-Time Clock(RTC)
logo
Texas Instruments
BQ3285ED TI1-BQ3285ED_16 Datasheet
674Kb / 28P
[Old version datasheet]   Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com