Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD-10H-1.5G Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # CSD-10H-1.5G
Description  DIRECTIONAL COUPLER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

CSD-10H-1.5G Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  CSD-10H-1.5G Datasheet HTML 1Page - Merrimac Industries, Inc. CSD-10H-1.5G Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQUENCY RANGE
MHz
INSERTION LOSS
(dB MAX)
MEAN
COUPLING
VSWR
(MAX, ALL PORTS)
1000 - 2000
0.25
10 ± 1.0
1.22:1
FREQUENCY SENSITIVITY
(dB MAX)
DIRECTIVITY
(dB MIN)
POWER
(AVG. CW WATTS)
OPERATING
TEMPERATURE
± 0.75
17
100
-55° - +85° C
FEATURES
APPLICATIONS
• 1.0 - 2.0 GHz
• DCS 1800 BASE STATION
• LOW LOSS
RF SUBSYSTEMS
• HIGH DIRECTIVITY
• PCS 1900 BASE STATION
• EXCELLENT COUPLING ACCURACY
RF SUBSYSTEMS
• SURFACE MOUNT
• TELEMETRY
• GPS
The Multi-Mix
® CSD-10H-1.5G provides a 10 dB coupling with low insertion loss, low VSWR, and high
directivity. Accurate coupling factors make this series ideal for use in power amplifiers and RF signal dis-
tribution and processing equipment.
CSD - 10 directional couplers are fusion bonded multilayer stripline devices. The fusion bonding process
yields a homogeneous monolithic dielectric structure with reliability, ruggedness, and electrical perform-
ance that is superior to conventional adhesive bonding techniques.
DIRECTIONAL COUPLER
CSD-10H-1.5G
TECHNICAL DESCRIPTION
REV: 008, 07/27/04
THE MULTI-MIX MICROTECHNOLOGY
® GROUP IS ISO 9001:2000 REGISTERED
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006
Tel: 1.888.434.MMFM / Fax: 973.882.5990 / Email: crm@merrimacind.com / www.merrimacind.com
U.S. Patent 6,099,677 and other Patents Pending.
GENERAL SPECIFICATIONS
PACKAGE OUTLINE / TAPE AND REEL ORIENTATION
P
P
W
K
B
1
0
0
0
ENGLISH (in)
W
1.2598 0.6299
P10
P
0.1575
0
A
0.3598
B0
0
K
METRIC (mm) 32.00
16.00 4.00
9.14
14.47
2.03
0.5697 0.0799
DIRECTION OF FEED
"A"
"A"
SECTION "A"-"A"
A
0
PAD 1
MARKED SIDE UP
.070


Similar Part No. - CSD-10H-1.5G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
   DIRECTIONAL COUPLERS
More results

Similar Description - CSD-10H-1.5G

ManufacturerPart #DatasheetDescription
logo
RFHIC
CP261 RFHIC-CP261 Datasheet
177Kb / 3P
   Directional Coupler
logo
American Accurate Compo...
JXWBOH-T-10900-12750-10 AAC-JXWBOH-T-10900-12750-10 Datasheet
79Kb / 1P
   Directional Coupler
logo
RFHIC
CP360 RFHIC-CP360 Datasheet
154Kb / 2P
   Directional Coupler
CP361 RFHIC-CP361 Datasheet
177Kb / 3P
   Directional Coupler
logo
Merrimac Industries, In...
CSDZ-10H-1.1G MERRIMAC-CSDZ-10H-1.1G Datasheet
148Kb / 2P
   DIRECTIONAL COUPLER
CSDZ-20H-1.1G MERRIMAC-CSDZ-20H-1.1G Datasheet
149Kb / 2P
   DIRECTIONAL COUPLER
CSD-20H-2.2G MERRIMAC-CSD-20H-2.2G Datasheet
137Kb / 5P
   DIRECTIONAL COUPLER
logo
SYNERGY MICROWAVE CORPO...
GC6-2 SYNERGY-GC6-2 Datasheet
341Kb / 3P
   Directional coupler
KDK-20-225 SYNERGY-KDK-20-225 Datasheet
252Kb / 3P
   Directional coupler
logo
Alpha Industries
DC17-73 ALPHA-DC17-73 Datasheet
58Kb / 3P
   Directional Coupler
logo
Mini-Circuits
ZFDC-10-5 MINI-ZFDC-10-5 Datasheet
77Kb / 1P
   Directional Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com