Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP24L-755 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # SP24L-755
Description  SP24L Series 24-Pin Single Output Passive Delay Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

SP24L-755 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  SP24L-755 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.rhombus-ind.com
TEL: (714) 898-0960
sales@rhombus-ind.com
FAX: (714) 896-0971
6SHFLILFDWLRQV VXEMHFW WR FKDQJH ZLWKRXW QRWLFH
)RU RWKHU YDOXHV&XVWRP 'HVLJQV FRQWDFW IDFWRU\
UKRPEXV LQGXVWULHV LQF
SP24L 2001-01
13
SP24L Series 24-Pin Single Output Passive Delay Modules
Optimized for Fastest Rise times and Lowest DCR in single configuration
SP24L Style Single Output Schematic
.590
(14.99)
.600
(15.24)
1.270
(32.30)
.295
(7.49)
MAX.
.020
(0.51)
.120
(3.05)
MIN.
.010
(0.25)
TYP.
TYP.
MAX.
MAX.
.100
(2.54)
TYP.
.040
(1.02)
TYP.
.018
(0.46)
TYP.
.100
(2.54)
TYP.
.040
(1.02)
TYP.
.018
(0.46)
TYP.
.737
(18.72)
.022
(0.56)
.080
(2.03)
.590
(14.99)
1.270
(32.30)
MAX.
MAX.
TYP.
.010
(0.25)
TYP.
.295
(7.49)
MAX.
Gull wing SMD Package Add suffix "G" to P/N. Example: SP24L1001G
Default Thru-hole 24-Pin Package Example: SP24L1001
Dimensions in Inches (mm)
810
9
11
12
13
4
2
56
7
IN
15
16
14
13
17
18
19
20
21
22
23
24
COM
OUT
N/C
COM
Operating Specifications -
Passive Delay Lines
Pulse Overshoot (Pos) ................................... 5% to 10%, typical
Pulse Distortion (S) ..................................................... 3% typical
Working Voltage .............................................. 25 VDC maximum
Dielectric Strength ........................................... 100VDC minimum
Insulation Resistance ........................ 1,000 M
Ω min. @ 100VDC
Temperature Coefficient ................................. 70 ppm/OC, typical
Bandwidth (f
C
) ....................................................... 0.35/
t
r
approx.
Operating Temperature Range ............................. -55O to +125OC
Storage Temperature Range ................................ -65O to +150OC
Delay (ns)
50 Ohm
Part Number
Rise
Time
max. (ns)
DCR
max.
(Ohms)
75 Ohm
Part Number
Rise
Time
max. (ns)
DCR
max.
(Ohms)
100 Ohm
Part Number
Rise
Time
max. (ns)
DCR
max.
(Ohms)
50 ± 2.50
SP24L-505
5.2
1.5
SP24L-507
5.2
1.8
SP24L-501
5.2
2.0
75 ± 3.75
SP24L-755
7.1
1.9
SP24L-757
7.1
2.2
SP24L-751
7.3
2.3
100 ± 5.00
SP24L1005
9.2
2.4
SP24L1007
9.3
2.6
SP24L1001
9.4
2.6
150 ± 7.50
SP24L1505
13.8
2.5
SP24L1507
14.0
2.7
SP24L1501
14.0
2.7
200 ± 10.0
SP24L2005
16.5
2.6
SP24L2007
16.5
2.9
SP24L2001
16.5
2.9
250 ± 12.5
SP24L2505
22.0
2.9
SP24L2507
22.0
3.4
SP24L2501
22.0
3.5
300 ± 15.0
SP24L3005
22.4
3.1
SP24L3007
22.6
3.7
SP24L3001
22.8
3.9
400 ± 20.0
SP24L4005
34.0
3.8
SP24L4007
35.0
4.8
SP24L4001
36.0
4.9
500 ± 25.0
SP24L5005
42.0
4.8
SP24L5007
42.0
5.8
SP24L5001
42.0
6.2
750 ± 37.5
SP24L7505
69.0
6.4
SP24L7507
69.0
7.1
SP24L7501
69.0
7.2
1000 ± 50.0
SP24L10005
94.0
7.2
SP24L10007
94.0
8.8
SP24L10001
94.0
9.6
1200 ± 60.0
SP24L12005
110.0
8.3
SP24L12007
111.0
9.8
SP24L12001
112.0
10.4
1. Rise Times are measured from 10% to 90% points.
2. Delay Times measured at 50% points of leading edge.
3. Output (100% Tap) terminated to ground through R
L=ZO
Electrical Specifications 1, 2, 3 at 25OC
Note: For SMD Package Add "G" to end of P/N in Table Below
Fast Rise Time, Low DCR
Better than 10/1 Td/tr typical
High Bandwidth
0.35 / t
r
Low Distortion LC Network
Standard Impedances: 50 - 75 - 100
Stable Delay vs. Temperature: 100 ppm/OC
Operating Temperature Range -55OC to +125OC
For similar package, alternate
schematic style with only one
common connection (pin 24 = N/C)
at pin 12, refer to Series SP241
For 20 Tap versions in the same
24-Pin package, refer to Series
SP24A & SP24A


Similar Part No. - SP24L-755

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
SP24 RHOMBUS-IND-SP24 Datasheet
43Kb / 1P
   SP24 Series 20-Tap High Performance Passive Delay Modules
logo
List of Unclassifed Man...
SP24 ETC2-SP24 Datasheet
178Kb / 3P
   Heat Shrink
logo
Littelfuse
SP24-01WTG-C-HV LITTELFUSE-SP24-01WTG-C-HV Datasheet
1,014Kb / 6P
   100W Discrete Bidirectional TVS Diode
logo
Shanghai Leiditech Elec...
SP24-01WTG-C-HV LEIDITECH-SP24-01WTG-C-HV Datasheet
907Kb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
Rhombus Industries Inc.
SP24-1001 RHOMBUS-IND-SP24-1001 Datasheet
43Kb / 1P
   SP24 Series 20-Tap High Performance Passive Delay Modules
More results

Similar Description - SP24L-755

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
SP241 RHOMBUS-IND-SP241 Datasheet
42Kb / 1P
   SP241 Series 24-Pin Single Output Passive Delay Modules
logo
Bel Fuse Inc.
S407-0000-00 BEL-S407-0000-00 Datasheet
44Kb / 1P
   SMD SINGLE OUTPUT PASSIVE DELAY MODULES
0402-00.5-55 BEL-0402-00.5-55 Datasheet
54Kb / 1P
   3 PIN SIP PASSIVE DELAY MODULES
0403-0001-50 BEL-0403-0001-50 Datasheet
55Kb / 1P
   4 PIN SIP PASSIVE DELAY MODULES
logo
PCA ELECTRONICS INC.
EPA059-20A PCA-EPA059-20A Datasheet
39Kb / 1P
   24 Pin DIP Passive Delay Lines
EPA059-060-061 PCA-EPA059-060-061_15 Datasheet
39Kb / 1P
   24 Pin DIP Passive Delay Lines
logo
Rhombus Industries Inc.
SH6G-0105 RHOMBUS-IND-SH6G-0105 Datasheet
33Kb / 1P
   SH6G Series Mini 6-Pin SMD Passive Delay Modules / AML1 Series Mini 16-Pin 50-mil SMD Passive Delay Modules
logo
Bel Fuse Inc.
0401-1403-02 BEL-0401-1403-02 Datasheet
57Kb / 1P
   HIGH-SPEED 4 PIN SIP PASSIVE DELAY MODULES
0475-0005-50 BEL-0475-0005-50 Datasheet
57Kb / 1P
   5 TAP 7 PIN SIP PASSIVE DELAY MODULES
S470-1403-02 BEL-S470-1403-02 Datasheet
58Kb / 1P
   HIGH-SPEED 14 PIN SMD PASSIVE DELAY MODULES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com