Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4011MA-70 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ4011MA-70
Description  128Kx8 Nonvolatile SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4011MA-70 Datasheet(HTML) 2 Page - Texas Instruments

  BQ4011MA-70 Datasheet HTML 1Page - Texas Instruments BQ4011MA-70 Datasheet HTML 2Page - Texas Instruments BQ4011MA-70 Datasheet HTML 3Page - Texas Instruments BQ4011MA-70 Datasheet HTML 4Page - Texas Instruments BQ4011MA-70 Datasheet HTML 5Page - Texas Instruments BQ4011MA-70 Datasheet HTML 6Page - Texas Instruments BQ4011MA-70 Datasheet HTML 7Page - Texas Instruments BQ4011MA-70 Datasheet HTML 8Page - Texas Instruments BQ4011MA-70 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Functional Description
When power is valid, the bq4013/Y operates as a stan-
dard CMOS SRAM. During power-down and power-up
cycles, the bq4013/Y acts as a nonvolatile memory, auto-
matically protecting and preserving the memory con-
tents.
Power-down/power-up control circuitry constantly moni-
tors the VCC supply for a power-fail-detect threshold
VPFD. The bq4013 monitors for VPFD = 4.62V typical for
use in systems with 5% supply tolerance. The bq4013Y
monitors for VPFD = 4.37V typical for use in systems
with 10% supply tolerance.
When VCC falls below the VPFD threshold, the SRAM au-
tomatically write-protects the data. All outputs become
high impedance, and all inputs are treated as “don’t
care.”
If a valid access is in process at the time of
power-fail detection, the memory cycle continues to com-
pletion. If the memory cycle fails to terminate within
time tWPT, write-protection takes place.
As VCC falls past VPFD and approaches 3V, the control
circuitry switches to the internal lithium backup supply,
which provides data retention until valid VCC is applied.
When VCC returns to a level above the internal backup
cell voltage, the supply is switched back to VCC. After
VCC ramps above the VPFD threshold, write-protection
continues for a time tCER (120ms maximum) to allow for
processor stabilization. Normal memory operation may
resume after this time.
The internal coin cell used by the bq4013/Y has an ex-
tremely long shelf life and provides data retention for
more than 10 years in the absence of system power.
As shipped from Unitrode, the integral lithium cell of
the MA-type module is electrically isolated from the
memory. (Self-discharge in this condition is approxi-
mately 0.5% per year.) Following the first application of
VCC, this isolation is broken, and the lithium backup cell
provides data retention on subsequent power-downs.
2
bq4013/Y
OE
CE
BD-42
WE
Power
Lithium
Cell
Power-Fail
Control
128K x 8
SRAM
Block
CECON
VCC
A0–A16
DQ0–DQ7
Block Diagram


Similar Part No. - BQ4011MA-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4011MA-70 TI-BQ4011MA-70 Datasheet
755Kb / 13P
[Old version datasheet]   32Kx8 Nonvolatile SRAM
BQ4011MA-70N TI-BQ4011MA-70N Datasheet
755Kb / 13P
[Old version datasheet]   32Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4011MA-70

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM6128K800V EOREX-EM6128K800V Datasheet
372Kb / 14P
   128Kx8 LP SRAM
logo
List of Unclassifed Man...
WMS128K8V-XXX ETC1-WMS128K8V-XXX Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1220Y DALLAS-DS1220Y Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com