Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4011-200 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ4011-200
Description  32Kx8 Nonvolatile SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4011-200 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ4011-200 Datasheet HTML 5Page - Texas Instruments BQ4011-200 Datasheet HTML 6Page - Texas Instruments BQ4011-200 Datasheet HTML 7Page - Texas Instruments BQ4011-200 Datasheet HTML 8Page - Texas Instruments BQ4011-200 Datasheet HTML 9Page - Texas Instruments BQ4011-200 Datasheet HTML 10Page - Texas Instruments BQ4011-200 Datasheet HTML 11Page - Texas Instruments BQ4011-200 Datasheet HTML 12Page - Texas Instruments BQ4011-200 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
BQ4011MA-100
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
BQ4011MA-150
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
BQ4011MA-200
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
BQ4011YMA-100
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
BQ4011YMA-150
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
BQ4011YMA-150N
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
BQ4011YMA-200
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
BQ4011YMA-70
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
BQ4011YMA-70N
ACTIVE
DIP MOD
ULE
MA
28
1
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
6-Dec-2006
Addendum-Page 1


Similar Part No. - BQ4011-200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4011 TI1-BQ4011 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011LY TI1-BQ4011LY Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011LYMA-70N TI1-BQ4011LYMA-70N Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011MA-100 TI1-BQ4011MA-100 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011MA-120 TI-BQ4011MA-120 Datasheet
473Kb / 14P
[Old version datasheet]   128Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4011-200

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM6132K800W EOREX-EM6132K800W Datasheet
339Kb / 12P
   32Kx8 LP SRAM
logo
List of Unclassifed Man...
N341256 ETC1-N341256 Datasheet
397Kb / 9P
   CMOS SRAM 256K-BIT(32KX8)
logo
Holtek Semiconductor In...
HT62L256 HOLTEK-HT62L256 Datasheet
115Kb / 10P
   CMOS 32Kx8 Low Power SRAM
logo
Alliance Semiconductor ...
7C256 ALSC-7C256 Datasheet
125Kb / 8P
   High Performance 32Kx8 CMOS SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com