Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4011MA-120 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ4011MA-120
Description  128Kx8 Nonvolatile SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4011MA-120 Datasheet(HTML) 4 Page - Texas Instruments

  BQ4011MA-120 Datasheet HTML 1Page - Texas Instruments BQ4011MA-120 Datasheet HTML 2Page - Texas Instruments BQ4011MA-120 Datasheet HTML 3Page - Texas Instruments BQ4011MA-120 Datasheet HTML 4Page - Texas Instruments BQ4011MA-120 Datasheet HTML 5Page - Texas Instruments BQ4011MA-120 Datasheet HTML 6Page - Texas Instruments BQ4011MA-120 Datasheet HTML 7Page - Texas Instruments BQ4011MA-120 Datasheet HTML 8Page - Texas Instruments BQ4011MA-120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
bq4013/Y
Recommended DC Operating Conditions (TA =TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
VCC
Supply voltage
4.5
5.0
5.5
V
bq4013Y
4.75
5.0
5.5
V
bq4013
VSS
Supply voltage
0
0
0
V
VIL
Input low voltage
-0.3
-
0.8
V
VIH
Input high voltage
2.2
-
VCC + 0.3
V
Note:
Typical values indicate operation at TA = 25°C.
DC Electrical Characteristics (TA =TOPR, VCCmin ≤ VCC ≤ VCCmax)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions/Notes
ILI
Input leakage current
-
-
± 1
µAVIN =VSS to VCC
ILO
Output leakage current
-
-
± 1
µA
CE =VIH or OE =VIH or
WE =VIL
VOH
Output high voltage
2.4
-
-
V
IOH = -1.0 mA
VOL
Output low voltage
-
-
0.4
V
IOL = 2.1 mA
ISB1
Standby supply current
-
4
7
mA
CE =VIH
ISB2
Standby supply current
-
2.5
4
mA
CE
≥ VCC - 0.2V,
0V
≤ VIN ≤ 0.2V,
or VIN
≥ VCC - 0.2V
ICC
Operating supply current
-
75
105
mA
Min. cycle, duty = 100%,
CE =VIL,II/O = 0mA
VPFD
Power-fail-detect voltage
4.55
4.62
4.75
V
bq4013
4.30
4.37
4.50
V
bq4013Y
VSO
Supply switch-over voltage
-
3
-
V
Note:
Typical values indicate operation at TA = 25°C, VCC = 5V.
Capacitance (TA = 25°C, F = 1MHz, VCC = 5.0V)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions
CI/O
Input/output capacitance
-
-
10
pF
Output voltage = 0V
CIN
Input capacitance
-
-
10
pF
Input voltage = 0V
Note:
These parameters are sampled and not 100% tested.


Similar Part No. - BQ4011MA-120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4011MA-100 TI-BQ4011MA-100 Datasheet
755Kb / 13P
[Old version datasheet]   32Kx8 Nonvolatile SRAM
BQ4011MA-100 TI1-BQ4011MA-100 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011MA-100N TI-BQ4011MA-100N Datasheet
755Kb / 13P
[Old version datasheet]   32Kx8 Nonvolatile SRAM
BQ4011MA-150 TI-BQ4011MA-150 Datasheet
755Kb / 13P
[Old version datasheet]   32Kx8 Nonvolatile SRAM
BQ4011MA-150 TI1-BQ4011MA-150 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
More results

Similar Description - BQ4011MA-120

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM6128K800V EOREX-EM6128K800V Datasheet
372Kb / 14P
   128Kx8 LP SRAM
logo
List of Unclassifed Man...
WMS128K8V-XXX ETC1-WMS128K8V-XXX Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1220Y DALLAS-DS1220Y Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com