Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4015MS-70 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ4015MS-70
Description  512Kx8 Nonvolatile SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4015MS-70 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ4015MS-70 Datasheet HTML 3Page - Texas Instruments BQ4015MS-70 Datasheet HTML 4Page - Texas Instruments BQ4015MS-70 Datasheet HTML 5Page - Texas Instruments BQ4015MS-70 Datasheet HTML 6Page - Texas Instruments BQ4015MS-70 Datasheet HTML 7Page - Texas Instruments BQ4015MS-70 Datasheet HTML 8Page - Texas Instruments BQ4015MS-70 Datasheet HTML 9Page - Texas Instruments BQ4015MS-70 Datasheet HTML 10Page - Texas Instruments BQ4015MS-70 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
bq4015/Y
Write Cycle (TA = TOPR,VCCmin
≤ VCC ≤ VCCmax)
Symbol
Parameter
-70
-85/-85N
-120/-120N
Units
Conditions/Notes
Min.
Max.
Min.
Max.
Min.
Max.
tWC
Write cycle time
70
-
85
-
120
-
ns
tCW
Chip enable to end of write
65
-
75
-
100
-
ns
(1)
tAW
Address valid to end of write
65
-
75
-
100
-
ns
(1)
tAS
Address setup time
0
-
0
-
0
-
ns
Measured from address
valid to beginning of
write. (2)
tWP
Write pulse width
55
-
65
-
85
-
ns
Measured from begin-
ning of write to end of
write. (1)
tWR1
Write recovery time
(write cycle 1)
5-5-
5
-
ns
Measured from WE go-
ing high to end of write
cycle. (3)
tWR2
Write recovery time
(write cycle 2)
15-15-
15
-
ns
Measured from CE going
high to end of write cy-
cle. (3)
tDW
Data valid to end of write
30
-
35
-
45
-
ns
Measured to first low-
to-high transition of ei-
ther CE or WE.
tDH1
Data hold time
(write cycle 1)
0-0-
0
-
ns
Measured from WE go-
ing high to end of write
cycle. (4)
tDH2
Data hold time
(write cycle 2)
10-10-
10
-
ns
Measured from CE going
high to end of write cy-
cle. (4)
tWZ
Write enabled to output in
high Z
0
25
0
30040
ns
I/O pins are in output
state. (5)
tOW
Output active from end of
write
5-0-
0
-
ns
I/O pins are in output
state. (5)
Notes:
1.
A write ends at the earlier transition of CE going high and WE going high.
2.
A write occurs during the overlap of a low CE and a low WE. A write begins at the later transition
of CE going low and WE going low.
3.
Either tWR1 or tWR2 must be met.
4.
Either tDH1 or tDH2 must be met.
5.
If CE goes low simultaneously with WE going low or after WE going low, the outputs remain in
high-impedance state.


Similar Part No. - BQ4015MS-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4015MS-70 TI-BQ4015MS-70 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
BQ4015MS-70N TI-BQ4015MS-70N Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4015MS-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
Eorex Corporation
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
logo
White Electronic Design...
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8V-15 ETC-WMS512K8V-15 Datasheet
103Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8 ETC1-WMS512K8 Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com