Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4017MC-70 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ4017MC-70
Description  2048Kx8 Nonvolatile SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4017MC-70 Datasheet(HTML) 1 Page - Texas Instruments

  BQ4017MC-70 Datasheet HTML 1Page - Texas Instruments BQ4017MC-70 Datasheet HTML 2Page - Texas Instruments BQ4017MC-70 Datasheet HTML 3Page - Texas Instruments BQ4017MC-70 Datasheet HTML 4Page - Texas Instruments BQ4017MC-70 Datasheet HTML 5Page - Texas Instruments BQ4017MC-70 Datasheet HTML 6Page - Texas Instruments BQ4017MC-70 Datasheet HTML 7Page - Texas Instruments BQ4017MC-70 Datasheet HTML 8Page - Texas Instruments BQ4017MC-70 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
➤ Data retention in the absence of
power
➤ Automatic write-protection dur-
ing power-up/power-down cycles
➤ Conventional SRAM operation;
unlimited write cycles
➤ 5-year minimum data retention
in absence of power
➤ Battery internally isolated until
power is applied
General Description
The CMOS bq4017 is a nonvolatile
16,777,216-bit static RAM organized
as 2,097,152 words by 8 bits. The
integral control circuitry and lith-
ium energy source provide reliable
nonvolatility coupled with the un-
limited write cycles of standard
SRAM.
The control circuitry constantly
monitors the single 5V supply for an
out-of-tolerance condition. When VCC
falls out of tolerance, the SRAM is
unconditionally write-protected to
prevent an inadvertent write opera-
tion.
At this time the integral energy
source is switched on to sustain the
memory until after VCC returns valid.
The bq4017 uses extremely low
standby current CMOS SRAMs, cou-
pled with small lithium coin cells to
provide nonvolatility without long
write-cycle times and the write-cycle
limitations associated with EE-
PROM.
The bq4017 has the same interface
as industry-standard SRAMs and
requires no external circuitry.
1
Selection Guide
Part
Number
Maximum
Access
Time (ns)
Negative
Supply
Tolerance
Part
Number
Maximum
Access
Time (ns)
Negative
Supply
Tolerance
bq4017MC -70
70
-5%
bq4017YMC -70
70
-10%
1
PN401701.eps
36-Pin DIP Module
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
NC
A20
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ1
DQ2
VSS
DQ0
VCC
A19
NC
A15
A17
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ5
DQ4
DQ3
DQ6
Pin Names
A0–A20
Address inputs
DQ0–DQ7
Data input/output
CE
Chip enable input
OE
Output enable input
WE
Write enable input
VCC
Supply voltage input
VSS
Ground
NC
No connect
Block Diagram
bq4017/bq4017Y
5/95
Pin Connections
2048Kx8 Nonvolatile SRAM


Similar Part No. - BQ4017MC-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4017MC-70 TI1-BQ4017MC-70 Datasheet
786Kb / 14P
[Old version datasheet]   2048Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4017MC-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4017 TI1-BQ4017_14 Datasheet
786Kb / 14P
[Old version datasheet]   2048Kx8 Nonvolatile SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1220Y DALLAS-DS1220Y Datasheet
144Kb / 8P
   16k Nonvolatile SRAM
DS1225AB DALLAS-DS1225AB Datasheet
147Kb / 10P
   64k Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com