Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4285S-SB2 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ4285S-SB2
Description  Real-Time Clock RTC With NVRAM Control
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4285S-SB2 Datasheet(HTML) 5 Page - Texas Instruments

  BQ4285S-SB2 Datasheet HTML 1Page - Texas Instruments BQ4285S-SB2 Datasheet HTML 2Page - Texas Instruments BQ4285S-SB2 Datasheet HTML 3Page - Texas Instruments BQ4285S-SB2 Datasheet HTML 4Page - Texas Instruments BQ4285S-SB2 Datasheet HTML 5Page - Texas Instruments BQ4285S-SB2 Datasheet HTML 6Page - Texas Instruments BQ4285S-SB2 Datasheet HTML 7Page - Texas Instruments BQ4285S-SB2 Datasheet HTML 8Page - Texas Instruments BQ4285S-SB2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Programming the RTC
The time-of-day, alarm, and calendar bytes can be writ-
ten in either the BCD or binary format (see Table 2).
These steps may be followed to program the time, alarm,
and calendar:
1.
Modify the contents of register B:
a.
Write a 1 to the UTI bit to prevent trans-
fers between RTC bytes and user buffer.
b.
Write the appropriate value to the data
format (DF) bit to select BCD or binary
format for all time, alarm, and calendar
bytes.
c.
Write the appropriate value to the hour
format (HF) bit.
2.
Write new values to all the time, alarm, and
calendar locations.
3.
Clear the UTI bit to allow update transfers.
On the next update cycle, the RTC updates all 10 bytes
in the selected format.
5
Address
RTC Bytes
Range
Decimal
Binary
Binary-Coded
Decimal
0
Seconds
0–59
00H–3BH
00H–59H
1
Seconds alarm
0–59
00H–3BH
00H–59H
2
Minutes
0–59
00H–3BH
00H–59H
3
Minutes alarm
0–59
00H–3BH
00H–59H
4
Hours, 12-hour format
1–12
01H–OCH AM;
81H–8CH PM
01H–12H AM;
81H–92H PM
Hours, 24-hour format
0–23
00H–17H
00H–23H
5
Hours alarm, 12-hour format
1–12
01H–OCH AM;
81H–8CH PM
01H–12H AM;
81H–92H PM
Hours alarm, 24-hour format
0–23
00H–17H
00H–23H
6
Day of week (1=Sunday)
1–7
01H–07H
01H–07H
7
Day of month
1–31
01H–1FH
01H–31H
8
Month
1–12
01H–0CH
01H–12H
9
Year
0–99
00H–63H
00H–99H
Table 2. Time, Alarm, and Calendar Formats
bq4285


Similar Part No. - BQ4285S-SB2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4285S-SB2 TI1-BQ4285S-SB2 Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock (RTC) With NVRAM Control
BQ4285S-SB2G4 TI1-BQ4285S-SB2G4 Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock (RTC) With NVRAM Control
BQ4285S-SB2TR TI1-BQ4285S-SB2TR Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock (RTC) With NVRAM Control
More results

Similar Description - BQ4285S-SB2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4285 TI1-BQ4285_14 Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock (RTC) With NVRAM Control
BQ4287 TI-BQ4287 Datasheet
142Kb / 8P
[Old version datasheet]   Real-Time Clock Module With NVRAM Control
BQ4287MT-SB2 TI-BQ4287MT-SB2 Datasheet
376Kb / 10P
[Old version datasheet]   Real-Time Clock Module With NVRAM Control
logo
STMicroelectronics
M41T56 STMICROELECTRONICS-M41T56_11 Datasheet
483Kb / 27P
   Serial real-time clock (RTC) with 56 bytes NVRAM
M41T11 STMICROELECTRONICS-M41T11_11 Datasheet
231Kb / 30P
   Serial real-time clock (RTC) with 56 bytes of NVRAM
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
[Old version datasheet]   Real-Time Clock RTC
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
[Old version datasheet]   REAL-TIME CLOCK (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com