Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-17903 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-17903
Description  T1/E1/CEPT/ISDN-PRI INTERFACE DUAL PORT MODULE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-17903 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-17903 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6SHFLILFDWLRQV VXEMHFW WR FKDQJH ZLWKRXW QRWLFH
)RU RWKHU YDOXHV&XVWRP 'HVLJQV FRQWDFW IDFWRU\
UKRPEXV LQGXVWULHV LQF
100-DP40 2001-01
www.rhombus-ind.com
TEL: (714) 898-0960
sales@rhombus-ind.com
FAX: (714) 896-0971
Turns Ratio +2%
OCL Pri.
LL
CW/W
DCRP
Primary Pins
Part #
MIN
max.
max.
max.
Schematic
Transmit
Receive
( mH )
(
µH )
(
µH )
(
Ω)
Transmit
Receive
T-17900
1CT:2.4CT
1CT:1CT
1.20
0.50
35
0.8
2
1-3 & 10-12
21-19 &1816
T-17901
1CT:2.4CT
1CT:2.4CT
1.20
0.50
25
0.8
1
4-6 & 10-12
1-3 & 7-9
T-17902
1CT:2CT
1CT:1CT
1.20
0.50
35
0.8
1
4-6 & 10-12
24-22 & 18-16
T-17903
1CT:1.15CT 1CT:1.15CT
1.20
0.50
35
0.8
1
4-6 & 10-12
1-3 & 7-9
T-17904
1CT:1.41CT
1CT:1.41CT
1.20
0.50
30
0.8
2
1-3 & 10-12
21-19 &18-16
T-17905
1CT:2CT
1CT:2CT
1.20
0.50
25
0.8
1
4-6 & 10-12
1-3 & 7-9
T-17906
1CT:2CT
1CT:2CT
1.20
0.50
25
0.8
2
1-3 & 10-12
21-19 &1816
T-17907
1CT:2.3CT
1CT:1CT
1.20
0.50
35
0.8
1
4-6 & 10-12
24-22 & 18-16
T-17908
1CT:1.36CT
1CT:2CT
1.20
0.50
35
0.8
1
4-6 & 10-12
24-22 & 18-16
T-17909
1CT:1.36CT
1CT:1CT
1.20
0.50
35
0.8
1
4-6 & 10-12
24-22 & 18-16
T-17910
1CT:1.15CT
1CT:2CT
1.20
0.50
35
0.8
1
4-6 & 10-12
1-3 & 7-9
www.rhombus-ind.com
Electrical Specifications at 25o C
T1/E1/CEPT/ISDN-PRI INTERFACE DUAL PORT MODULE
.622 (15.80)
.645 (16.39)
.526
(13.35)
.035
(0.89)
TYP.
.010
(0.25)
TYP.
0.700
(17.78)
MAX.
.016
(0.41)
TYP.
.296
(7.52)
MAX.
.050
(1.27)
TYP.
.015
(0.38)
TYP.
12
1
13
24
Physical Dimensions
in inches (mm)
1
3
5
7
2
4
6
8
9
10
11
12
13
14
15
16
17
18
19
20
24
23
22
21
RX
TX
RX
TX
Schematic Style "2"
1
3
5
7
2
4
6
8
9
10
11
12
13
14
15
16
17
18
19
20
24
23
22
21
RX
TX
RX
TX
Schematic Style "1"
Common Mode Rejection Ratio: 50 dB or better @ 1MHz
Crosstalk Attenuation: 65 dB or better.
Longitudinal balance: Meets FCC part 68.
Flammability: UL94VO, IEC 695-2-2
Isolation: 1500 V
RMS
Extended Temperature Range:
-400C to +850C.
Inductance over temperature is 600
µH min.


Similar Part No. - T-17903

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-17000 RHOMBUS-IND-T-17000 Datasheet
41Kb / 2P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULE
T-17001 RHOMBUS-IND-T-17001 Datasheet
41Kb / 2P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULE
T-17002 RHOMBUS-IND-T-17002 Datasheet
41Kb / 2P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULE
T-17003 RHOMBUS-IND-T-17003 Datasheet
41Kb / 2P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULE
T-17004 RHOMBUS-IND-T-17004 Datasheet
41Kb / 2P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULE
More results

Similar Description - T-17903

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1572S PCA-EPR1572S Datasheet
41Kb / 1P
   T1/E1/CEPT/ISDN-PRI Module
EPR1401G PCA-EPR1401G Datasheet
23Kb / 1P
   T1/E1/CEPT/ISDN-PRI Interface Transformers
EPR1511S PCA-EPR1511S Datasheet
55Kb / 1P
   T1/E1/CEPT/ISDN-PRI Quad Port Interface Transformers
EPR1051G PCA-EPR1051G Datasheet
39Kb / 1P
   T1/E1/CEPT/ISDN-PRI Interface Transformers
logo
Pulse A Technitrol Comp...
T1207T PULSE-T1207T Datasheet
86Kb / 2P
   T1/E1/CEPT/ISDN-PRI INTERFACE MODULES
T1176NL PULSE-T1176NL Datasheet
613Kb / 2P
   T1/E1/CEPT/ISDN-PRI INTERFACE MODULES
T1219NLT PULSE-T1219NLT Datasheet
70Kb / 2P
   T1/E1/CEPT/ISDN-PRI INTERFACE MODULES
logo
Bothhand USA, LP.
S1220M BOTHHAND-S1220M Datasheet
69Kb / 1P
   T1/E1/CEPT/ISDN-PRI INTERFACE MODULES
logo
Allied Components Inter...
ATE-3239I ALLIED-ATE-3239I Datasheet
288Kb / 1P
   T1/E1/CEPT/ISDN-Pri Filter Module
logo
XFMRS Inc.
XF0013Q4AIT XFMRS-XF0013Q4AIT Datasheet
89Kb / 1P
   T1/E1/CEPT/ISDN-PRI
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com