Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5052 Datasheet(PDF) 4 Page - Systemsensor advanced ideas.

Part # A5052
Description  4-Wire Ionization Duct Smoke Detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

A5052 Datasheet(HTML) 4 Page - Systemsensor advanced ideas.

  A5052 Datasheet HTML 1Page - Systemsensor advanced ideas. A5052 Datasheet HTML 2Page - Systemsensor advanced ideas. A5052 Datasheet HTML 3Page - Systemsensor advanced ideas. A5052 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2006 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0315-002 • 9/06 • #1676
Ordering Information
Part No.
Description
DH100ACDCI
4-wire ionization duct smoke detector
A5052
Replacement ionization detector board
A5064
Replacement 4-wire power board
Accessories
ST-1.5
Metal sampling tube duct widths 1´–2´ (0.3–0.6 m)
MOD400R
Sensitivity test module
ST-3
Metal sampling tube duct widths 2´–4´ (0.6–1.2 m)
RA400Z
Remote annunciator alarm LED
ST-5
Metal sampling tube duct widths 4´–8´ (1.2–2.4 m)
F36-09-11
Replacement air filters (two per package)
ST-10
Metal sampling tube duct widths 8´–12´ (2.4–3.7 m)
M02-04-00
Test magnet
T80-71-00
Replacement telescoping sampling tube
P48-21-00
End cap for metal sampling tubes
P48-55-00
Replacement end cap for T80-71-00
S08-39-01
Photo replacement screen
SSK451
Multi-signaling accessory
PA400W
Mini-Alert sounder
RTS451KEY
Remote test station with key lock
PS24LOW
Mini-Alert add-on strobe
RTS451
Remote test station
PS12/24SLENSW
Wall-mount“SMOKE”lens
APA451
Remote annunciator with piezo alarm
PS12/24SLENSC
Ceiling-mount“SMOKE”lens
Accessories
System Sensor provides system flexibility with a variety of accessories, including two remote test stations and several different means of
visible and audible system annunciation. As with our duct detectors, all duct smoke detector accessories are UL listed.
SSK451
Multi-Signaling
Accessory
(UL 268A)
SSK451
Multi-Signaling Accessory
(UL 268A)
shown with PS24LOW add-on
strobe (PS12/24SLENSW smoke lens
option available)
APA451
Piezo Annunciator
(UL S4011)
RTS451KEY
Remote Test Station
with Key (UL S2522)
PA400W
Mini-Alert Sounder
(UL S3593)
shown with PS24LOW add-on
strobe (PS12/24SLENSW smoke
lens option available)
RTS451
Remote Test Station
(UL S2522)
RA400Z
Remote Annunciator
(UL S2522)


Similar Part No. - A5052

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
A5052-00 SYSTEMSENSOR-A5052-00 Datasheet
205Kb / 4P
   2-Wire Low-Profile Duct Smoke Detector
More results

Similar Description - A5052

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
DH400 SYSTEMSENSOR-DH400 Datasheet
289Kb / 4P
   4-Wire Duct Smoke Detector
D4120 SYSTEMSENSOR-D4120 Datasheet
1Mb / 4P
   4-Wire Photoelectric Duct Smoke Detector
logo
Gamewell-FCI by Honeywe...
CPD-7051 GAMEWELL-FCI-CPD-7051 Datasheet
62Kb / 2P
   IONIZATION SMOKE DETECTOR
logo
Systemsensor advanced i...
D4120W SYSTEMSENSOR-D4120W Datasheet
1Mb / 4P
   Watertight 4-Wire Photoelectric Duct Smoke Detector
logo
Microchip Technology
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
   Ionization Smoke Detector IC
2009
logo
Greystone Energy System...
DSD GREYSTONE-DSD Datasheet
670Kb / 2P
   DUCT SMOKE DETECTOR
01/20
logo
Microchip Technology
RE46C112 MICROCHIP-RE46C112 Datasheet
214Kb / 7P
   Ionization Smoke Detector IC
2009
logo
Systemsensor advanced i...
DH100ACDCLP SYSTEMSENSOR-DH100ACDCLP Datasheet
268Kb / 4P
   4-Wire Photoelectric Low-Flow Duct Smoke Detector
DH100ACDCLWP SYSTEMSENSOR-DH100ACDCLWP Datasheet
304Kb / 4P
   Watertight 4-Wire Low-Flow Duct Smoke Detector
logo
FCI connector
1451 FCI-CONNECTOR-1451 Datasheet
105Kb / 2P
   System Sensor Ionization Smoke Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com