Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4WTA-B Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # 4WTA-B
Description  Smoke Detectors with Sounder and Relay Option
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

4WTA-B Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  4WTA-B Datasheet HTML 1Page - Systemsensor advanced ideas. 4WTA-B Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2006 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0348-003 • 7/06 • #1676
Ordering Information
Model
Thermal
Wiring
Alarm Current
2WTA-B
Yes
2-wire
130 mA max. limited by
control panel
2WTR-B
Yes
2-wire
130 mA max. limited by
control panel
4WTA-B
Yes
4-wire
35 mA
4WTR-B
Yes
4-wire
35 mA
4WTAR-B
Yes
4-wire
50 mA
4WITAR-B
Yes
4-wire
50 mA
Smoke Detector Specifications
Electrical Specifications
Operating Voltage
Nominal: 12/24 V non-polarized
2-wire: 8.5 V - 35 V
4-wire: 10 V - 35 V
Maximum Ripple Voltage
30% of applied voltage (peak to peak)
Standby Current
2-wire: 50 µA maximum average
4-wire: 50 µA maximum average
Peak Standby Current
2-wire: 100 µA
4-wire: n/a
Maximum Alarm Current
2-wire: 2WTR-B: 130 mA limited by control
panel
2WTA-B: 130 mA**
4-wire: 4WTA-B, 4WTR-B: 35 mA
4WTAR-B, 4WITAR-B: 50 mA
**Direct Power (Non-reverse Polarity): 130
mA limited by panel. Reverse Polarity Power:
30 mA for the 2WTA-B in alarm; 12 mA for all
other 2WTA-B units on the loop. Add 25 mA
for the RRS-MOD reversing relay alarm current.
Alarm Contact Ratings
2-wire: n/a
4-wire: 0.5 A @ 30V AC/DC
Form C Contact Ratings
2A @ 30V AC/DC
Physical Specifications
Operating Temperature
Range
32°F–100° F (0°C–37.8° C)
Operating Humidity
Range
0 to 95% RH non-condensing
Thermal Sensor
135° F (57.2° C) fixed
Freeze Trouble
41° F (5° C)
Sensitivity
2.5%/ft. nominal
Input Terminals
14–22 AWG
Dimensions (including
base)
5.3 inches (134 mm) diameter, 2.0 inches (51
mm) height
Approximate Weight
7.1 oz. (200 grams)
Sound Pressure Output
85 dBA (models 2WTA-B, 4WTA-B, 4WTAR-B,
and 4WITAR-B only)
Mounting
3½-inch octagonal back box, 4-inch octagonal
back box, Single gang back box, 4-inch square
back box with a plaster ring, Direct mount to
ceiling
LED Modes
LED Mode
Green LED
Red LED
Condition
Duration
Power up
Blink every
10 seconds
Blink every 10
seconds
Initial LED
status
indication
80 seconds
Normal
(standby)
Blink every 5
seconds
off
Out of
sensitivity
off
Blink every 5
seconds
Freeze
trouble
off
Blink every 10
seconds
Alarm
off
Solid
Power Up Sequence for LED Indication
Condition
Duration
Initial LED
status
indication
80 seconds
Architect/Engineer Specifications
Smoke detector shall be a System Sensor i3 Series model number_______,
listed to Underwriters Laboratories UL 268 for Fire Protection Signaling
Systems. The detector shall be a combination photoelectric/thermal
equipped with a sounder (model 2WTA-B, 4WTA-B), a Form C relay (model
2WTR-B), a combination sounder/relay (model 4WTAR-B) or an isolated
thermal/sounder/relay (model 4WITAR-B). The detector shall include a
mounting base for mounting to 3½-inch and 4-inch octagonal, single gang,
and 4-inch square back boxes with a plaster ring, or direct mount to the
ceiling using drywall anchors. Wiring connections shall be made by means
of SEMS screws. The detector shall allow pre-wiring of the base and the
head shall be a plug-in type. The detector shall have a nominal sensitivity
of 2.5% per foot nominal as measured in the UL smoke box. The detector
shall be capable of automatically adjusting its sensitivity by means of drift
compensation and smoothing algorithms. The detector shall provide dual
color LED indication which blinks to indicate power-up, normal standby, out
of sensitivity, alarm, and freeze trouble conditions. When used in conjunction
with the 2W-MOD2 module, 2-wire models shall include a maintenance
signal to indicate the need for maintenance at the alarm control panel, and
shall provide a loop testing capability to verify the circuit without testing each
detector individually. When used in conjunction with the RRS-MOD module,
all i3 sounder models on a loop shall sound when one alarms, all shall be
synchronized, and all sounders may be silenced from the panel.
Model
Description
RRS-MOD
Reversing relay/synchronization module
2W-MOD2
2-wire loop test/maintenance module
SENS-RDR
Sensitivity reader
RT
Removal/replacement tool
A77-AB2
Retrofit adapter bracket


Similar Part No. - 4WTA-B

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
4WT-B SYSTEMSENSOR-4WT-B Datasheet
221Kb / 2P
   Photoelectric Smoke Detectors
More results

Similar Description - 4WTA-B

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
   Smoke Detectors
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
   SMOKE DETECTORS
1800 SYSTEMSENSOR-1800 Datasheet
566Kb / 2P
   SMOKE DETECTORS
1851B SYSTEMSENSOR-1851B Datasheet
481Kb / 2P
   SMOKE DETECTORS
2112 SYSTEMSENSOR-2112 Datasheet
85Kb / 4P
   Photoelectronic Smoke Detectors
2100 SYSTEMSENSOR-2100 Datasheet
239Kb / 4P
   Photoelectronic Smoke Detectors
2100D SYSTEMSENSOR-2100D Datasheet
209Kb / 4P
   Photoelectronic Smoke Detectors
2100AT SYSTEMSENSOR-2100AT Datasheet
79Kb / 4P
   Smoke Detector with Fixed Heat and Integral Temp-3 Sounder
2W-B SYSTEMSENSOR-2W-B Datasheet
221Kb / 2P
   Photoelectric Smoke Detectors
ED-DPR SYSTEMSENSOR-ED-DPR Datasheet
266Kb / 4P
   Intelligent Duct Smoke Detectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com