Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4WTAR-B Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # 4WTAR-B
Description  Smoke Detectors with Sounder and Relay Option
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

4WTAR-B Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  4WTAR-B Datasheet HTML 1Page - Systemsensor advanced ideas. 4WTAR-B Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S911
Agency Listings
Smoke Detectors with
Sounder and Relay Option
System Sensor i3sounder and relay smoke detectors
apply the guiding principles of installation ease,
intelligence, and instant inspection in a series of
specialty conventional devices.
Features
• 85 dB sounder
• Form C relay
• Isolated thermal sensor
• Plug-in design – base included
• In-line terminals
• Flexible mounting options
• Stop-Drop ’N Lockattachment to the base
• Removable cover and chamber
• Remote maintenance signaling
• Drift compensation and smoothing algorithms
• Simplified sensitivity measurement
• Dual color LEDs
Installation ease. Throughout the i3 series, installation is simple
with its installer-friendly base and plug-in design. The base
accommodates a broad range of back box and direct mounting
options and provides ample space for pre-wiring the device. To
complete the installation, the i3 detector plugs into its base with a
simple Stop Drop ’N Lock action.
Intelligence. To reduce the likelihood of nuisance alarms, all
i3 detectors are equipped with both drift compensation and
smoothing algorithms. These capabilities minimize both short- and
long-term causes of nuisance alarms such as RF interference and
dust accumulation. When connected to the 2W-MOD2 loop test/
maintenance module or an i3 Readypanel, 2-wire i3 detectors can
generate a remote maintenance signal when in a maintenance or
freeze trouble condition. To measure the sensitivity of any i3 detector,
the SENS-RDR displays the reading, in terms of percent-per-foot
obscuration, within seconds.
Instant inspection. The i3 line’s red and green LEDs simplify local
status indication during power-up, standby, alarm, maintenance and
freeze trouble conditions. When in alarm, i3 sounder models generate
an 85 dB temporal tone. If connected to the RRS-MOD reversing
relay/synchronization module, all i3 sounders on the loop will
activate when one detector is in alarm. Additionally, the RRS-MOD
synchronizes the output of all i3 sounders to ensure a clear audible
signal.
Should the application call for differentiating between a local and
a general alarm, the i3 line offers an isolated thermal model, which
initiates a local alarm when smoke is detected, and a general alarm
when the thermal sensor is activated.
2133
372-02-E
7272-1653:164
3015195


Similar Part No. - 4WTAR-B

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
4WT-B SYSTEMSENSOR-4WT-B Datasheet
221Kb / 2P
   Photoelectric Smoke Detectors
More results

Similar Description - 4WTAR-B

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
   Smoke Detectors
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
   SMOKE DETECTORS
1800 SYSTEMSENSOR-1800 Datasheet
566Kb / 2P
   SMOKE DETECTORS
1851B SYSTEMSENSOR-1851B Datasheet
481Kb / 2P
   SMOKE DETECTORS
2112 SYSTEMSENSOR-2112 Datasheet
85Kb / 4P
   Photoelectronic Smoke Detectors
2100 SYSTEMSENSOR-2100 Datasheet
239Kb / 4P
   Photoelectronic Smoke Detectors
2100D SYSTEMSENSOR-2100D Datasheet
209Kb / 4P
   Photoelectronic Smoke Detectors
2100AT SYSTEMSENSOR-2100AT Datasheet
79Kb / 4P
   Smoke Detector with Fixed Heat and Integral Temp-3 Sounder
2W-B SYSTEMSENSOR-2W-B Datasheet
221Kb / 2P
   Photoelectric Smoke Detectors
ED-DPR SYSTEMSENSOR-ED-DPR Datasheet
266Kb / 4P
   Intelligent Duct Smoke Detectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com