Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4847Y-MT Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ4847Y-MT
Description  RTC Module With CPU Supervisor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4847Y-MT Datasheet(HTML) 2 Page - Texas Instruments

  BQ4847Y-MT Datasheet HTML 1Page - Texas Instruments BQ4847Y-MT Datasheet HTML 2Page - Texas Instruments BQ4847Y-MT Datasheet HTML 3Page - Texas Instruments BQ4847Y-MT Datasheet HTML 4Page - Texas Instruments BQ4847Y-MT Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Functional Description
Figure 1 is a block diagram of the bq4847. The bq4847 is
functionally equivalent to the bq4845 except that the bat-
tery (20, 24) and crystal (2, 3) pins are not accessible. The
pins are connected internally to a coin cell and quartz
crystal. The coin cell provides 130mAh of capacity. It is in-
ternally isolated from VOUT and CEOUT until the initial
application of VCC. Once VCC rises above VPFD, this isola-
tion is broken, and the backup cell provides power to
VOUT and CEOUT for the external SRAM. The real-time
clock keeps time to within one minute per month at
room temperature. For a complete description of fea-
tures, operating conditions, electrical characteristics,
bus timing, and pin descriptions, see the bq4845 data
sheet. Valid part types for ordering are bq4847MT (5%)
and bq4847YMT (10%).
Figure 2 illustrates the address map for the bq4847. Ta-
ble 1 is a map of the bq4847 registers, and Table 2 de-
scribes the register bits.
2
Figure 1. Block Diagram
VCC
CS
OE
WE
CEOUT
VOUT
Mode
DQ
Power
<VCC (max.)
VIH
XX
CEIN
VOUT1
Deselect
High Z
Standby
VIL
XVIL
CEIN
VOUT1
Write
DIN
Active
>VCC (min.)
VIL
VIL
VIH
CEIN
VOUT1
Read
DOUT
Active
VIL
VIH
VIH
CEIN
VOUT1
Read
High Z
Active
<VPFD (min.) > VSO
XXX
VOH
VOUT1
Deselect
High Z
CMOS standby
≤ VSO
XXX
VOHB
VOUT2
Deselect
High Z
Battery-backup mode
Truth Table
bq4847/bq4847Y
Sept. 1996


Similar Part No. - BQ4847Y-MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4847Y-MT TI-BQ4847Y-MT Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results

Similar Description - BQ4847Y-MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4845 TI1-BQ4845_14 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845 TI-BQ4845 Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
logo
Intersil Corporation
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com