Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-14416 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-14416
Description  T1 / CEPT / ISDN-PRI SMD 12 Pin Dual Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-14416 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-14416 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
8
T1_SM12 G - 4/99
For T1/CEPT Telecom Applications
Designed to meet CCITT and FCC Requirements
1500 VRMS Minimum Isolation
Refer to Table of Contents for a variety
of other T1/CEPT/ISDN-PRI products
T1 / CEPT / ISDN-PRI
SMD 12 Pin Dual Transformers
See other T1/CEPT/ISDN-PRI products in this Catalog
Electrical Specifications 1, 2 at 25o C
1. ET-Product 10 V-
µsec minimum.
2. OCL @ Pri., 100 mV & 100 kHz
Turns
OCL
C
W/W
L
L
DCR Pri.
DCR Sec.
Part
Ratio
Min.
max.
max.
max.
max.
Schem.
Primary
Number
+5%
( mH )
( pF )
(
µH )
(
Ω)(Ω)Style
Pins
T-14400
1CT:2CT & 1CT:2CT
1.20 & 1.20
50 & 50
0.80 & 0.80
1.00 & 1.00
1.70 & 1.70
A
12-10, 4-6
T-14401
1CT:2CT & 1:1.36CT
1.60 & 1.60
60 & 50
1.00 & 0.80
1.70 & 1.70
2.00 & 1.70
B
12-10, 4-6
T-14402
1:1.15CT & 1CT:2CT
1.50 & 1.20
60 & 50
0.80 & 0.80
1.00 & 1.00
1.00 & 1.70
D
12-10, 4-6
T-14403
1:1/1.26 & 1CT:2CT
1.50 & 1.20
50 & 60
0.80 & 0.80
1.00 & 1.00
1.10 & 1.70
E
12-10, 4-6
T-14404
1:2CT & 2:1
1.60 &1.60
55 & 40
1.30 & 1.30
1.10 & 1.10
1.10 & 0.70
F
1-3, 4-6
T-14405
1CT:1CT & 1CT:1CT
1.20 & 1.20
50 & 50
0.80 & 0.80
1.00 & 1.00
1.00 & 1.00
A
1-3, 4-6
T-14406
1CT:1.15CT & 1CT:1.15CT
1.20 & 1.20
50 & 50
0.80 & 0.80
1.20 & 1.20
1.40 & 1.40
A
1-3, 4-6
T-14407
1CT:1CT & 1CT:2CT
1.20 & 1.20
50 & 50
0.80 & 0.80
1.20 &1.20
1.20 & 1.80
A
12-10, 4-6
T-14408
1CT:1.15CT & 1CT:1CT
1.50 & 1.50
60 & 60
0.80 & 0.80
1.00 & 1.00
1.10 & 1.00
A
12-10, 4-6
T-14409
1CT:1.36CT & 1CT:1.36CT
1.20 & 1.20
50 & 50
0.80 & 0.80
1.20 & 1.20
1.40 & 1.40
A
1-3, 4-6
T-14410
1CT:1.41CT & 1CT:1.41CT
0.80 & 0.80
30 & 30
0.80 & 0.80
1.00 & 1.20
1.00 & 1.20
A
12-10, 9-7
T-14411
1CT:2.3CT & 1CT:2CT
1.20 & 1.20
60 & 60
0.80 & 0.80
1.20 & 1.20
2.10 & 2.10
A
12-10, 4-6
T-14412
1CT:2CT & 1CT:2CT
1.20 & 1.20
31 & 31
.60 & .60
0.70 & 0.70
1.20 & 1.20
A
12-10, 4-6
T-14413
1CT:2CT & 1:1.36CT
1.20 & 1.20
32 & 37
.55 & .80
0.70 & 0.70
1.20 & 0.90
B
12-10, 4-6
T-14414
1:2CT & 1:1.14CT
1.20 & 1.20
40 & 35
.55 & .80
0.70 & 0.70
1.20 & 0.90
E
12-10, 4-6
T-14415
1CT:2CT & 1:1
1.20 & 1.20
30 & 30
.55 & .80
0.70 & 0.70
1.20 & 0.70
C
1-3, 4-6
T-14416
1:1.15CT & 1CT:2CT
1.20 & 1.20
35 & 35
.60 & .60
0.70 & 0.70
0.90 & 1.20
D
12-10, 4-6
T-14417
1:1/1.26 & 1:2CT
1.50 & 1.20
40 & 40
.40 & .50
0.70 & 0.70
0.90 & 1.20
E
12-10, 4-6
T-14418
1CT:2CT & 1:1.08CT
1.50 & 1.20
40 & 30
.60 & .60
0.70 & 0.70
1.10 & 0.70
B
12-10, 4-6
T-14419
1:1/1.26 & 1:1/1.26
1.50 & 1.50
45 & 45
.40 & .40
0.80 & 0.80
1.00 & 1.00
G
12-10, 9-7
Schematic "D"
Schematic "C"
Schematic "B"
Schematic "A"
Schematic "G"
Schematic "F"
Schematic "E"
PARTS SHIPPED IN
ANTI-STATIC TUBES
TAPE & REEL
AVAILABLE
Dimensions in
inches (mm)
Unused Pins
Not Provided


Similar Part No. - T-14416

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-14410 RHOMBUS-IND-T-14410 Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-14411 RHOMBUS-IND-T-14411 Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-14415 RHOMBUS-IND-T-14415 Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-14417 RHOMBUS-IND-T-14417 Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-14419 RHOMBUS-IND-T-14419 Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
More results

Similar Description - T-14416

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-16400 RHOMBUS-IND-T-16400 Datasheet
53Kb / 1P
   T1 / CEPT / ISDN-PRI SMD 12 Pin Dual Transformers
logo
Bourns Electronic Solut...
SM75225 BOURNS-SM75225 Datasheet
173Kb / 1P
   T1/CEPT/ISDN-PRI Dual Transformers
logo
XFMRS Inc.
1101 XFMRS-1101_15 Datasheet
39Kb / 1P
   DUAL T1/CEPT/ISDN-PRI TRANSFORMERS
1109 XFMRS-1109_15 Datasheet
55Kb / 1P
   DUAL T1 / CEPT / ISDN - PRI TRANSFORMERS
logo
Rhombus Industries Inc.
T-14100 RHOMBUS-IND-T-14100 Datasheet
75Kb / 2P
   T1 / CEPT / ISDN PRI SMD Transformers Dual Configuration
logo
XFMRS Inc.
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com