Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4011YMA-100N Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ4011YMA-100N
Description  32Kx8 Nonvolatile SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4011YMA-100N Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ4011YMA-100N Datasheet HTML 2Page - Texas Instruments BQ4011YMA-100N Datasheet HTML 3Page - Texas Instruments BQ4011YMA-100N Datasheet HTML 4Page - Texas Instruments BQ4011YMA-100N Datasheet HTML 5Page - Texas Instruments BQ4011YMA-100N Datasheet HTML 6Page - Texas Instruments BQ4011YMA-100N Datasheet HTML 7Page - Texas Instruments BQ4011YMA-100N Datasheet HTML 8Page - Texas Instruments BQ4011YMA-100N Datasheet HTML 9Page - Texas Instruments BQ4011YMA-100N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
bq4011/bq4011Y
Write Cycle (TA = TOPR, VCCmin ≤ VCC ≤ VCCmax)
Symbol
Parameter
-70/-70N
-100
-150/-150N
-200
Units
Conditions/Notes
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
tWC
Write cycle time
70
-
100
-
150
-
200
-
ns
tCW
Chip enable to
end of write
55
-
90
-
100
-
150
-
ns
(1)
tAW
Address valid to
end of write
55
-
80
-
90
-
150
-
ns
(1)
tAS
A ddr ess
setup
time
0-
0-
0-
0
-
ns
Measured from
address valid to
beginning of write. (2)
tWP
Write pulse
width
55
-
75
-
90
-
130
-
ns
Measured from
beginning of write to
end of write. (1)
tWR1
Write recovery
time (write
cycle 1)
5-
5-
5-
5
-
ns
Measured from WE
going high to end of
write cycle. (3)
tWR2
Write recovery
time (write
cycle 2)
15
-
15
-
15
-
15
-
ns
Measured from CE
going high to end of
write cycle. (3)
tDW
Data valid to end
of write
30
-
40
-
50
-
70
-
ns
Measured from first
low-to-high transition
of either CE or WE.
tDH1
Data hold time
(write cycle 1)
0-
0-
0-
0
-
ns
Measured from WE
going high to end of
write cycle. (4)
tDH2
Data hold time
(write cycle 2)
0-
0-
0-
0
-
ns
Measured from CE
going high to end of
write cycle.(4)
tWZ
Write enabled to
output in high Z
0250350500
70
ns
I/O pins are in output
state. (5)
tOW
Output active
from end of write
5-
5-
5-
5
-
ns
I/O pins are in output
state. (5)
Notes:
1.
A write ends at the earlier transition of CE going high and WE going high.
2.
A write occurs during the overlap of a low CE and a low WE. A write begins at the later transition
of CE going low and WE going low.
3.
Either tWR1 or tWR2 must be met.
4.
Either tDH1 or tDH2 must be met.
5.
If CE goes low simultaneously with WE going low or after WE going low, the outputs remain in
high-impedance state.
Aug. 1993 C
6


Similar Part No. - BQ4011YMA-100N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4011YMA-100 TI1-BQ4011YMA-100 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
More results

Similar Description - BQ4011YMA-100N

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM6132K800W EOREX-EM6132K800W Datasheet
339Kb / 12P
   32Kx8 LP SRAM
logo
List of Unclassifed Man...
N341256 ETC1-N341256 Datasheet
397Kb / 9P
   CMOS SRAM 256K-BIT(32KX8)
logo
Holtek Semiconductor In...
HT62L256 HOLTEK-HT62L256 Datasheet
115Kb / 10P
   CMOS 32Kx8 Low Power SRAM
logo
Alliance Semiconductor ...
7C256 ALSC-7C256 Datasheet
125Kb / 8P
   High Performance 32Kx8 CMOS SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com