Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4011YMA-100N Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ4011YMA-100N
Description  32Kx8 Nonvolatile SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4011YMA-100N Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ4011YMA-100N Datasheet HTML 4Page - Texas Instruments BQ4011YMA-100N Datasheet HTML 5Page - Texas Instruments BQ4011YMA-100N Datasheet HTML 6Page - Texas Instruments BQ4011YMA-100N Datasheet HTML 7Page - Texas Instruments BQ4011YMA-100N Datasheet HTML 8Page - Texas Instruments BQ4011YMA-100N Datasheet HTML 9Page - Texas Instruments BQ4011YMA-100N Datasheet HTML 10Page - Texas Instruments BQ4011YMA-100N Datasheet HTML 11Page - Texas Instruments BQ4011YMA-100N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
bq4011/bq4011Y
Power-Down/Power-Up Cycle (TA = TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions
tPF
VCC slew, 4.75 to 4.25 V
300
-
-
µs
tFS
VCC slew, 4.25 to VSO
10
-
-
µs
tPU
VCC slew, VSO to VPFD (max.)
0
-
-
µs
tCER
Chip enable recovery time
40
80
120
ms
Time during which SRAM is
write-protected after VCC
passes VPFD on power-up.
tDR
Data-retention time in
absence of VCC
10
-
-
years
TA = 25°C. (2)
tDR-N
Data-retention time in
absence of VCC
6-
-
years
TA = 25°C (2); industrial
temperature range (-N) only.
tWPT
Write-protect time
40
100
150
µs
Delay after VCC slews down
past VPFD before SRAM is
write-protected.
Notes:
1.
Typical values indicate operation at TA = 25°C, VCC = 5V.
2.
Battery is disconnected from circuit until after VCC is applied for the first time. tDR is the
accumulated time in absence of power beginning when power is first applied to the device.
Caution:
Negative undershoots below the absolute maximum rating of -0.3V in battery-backup mode
may affect data integrity.
Power-Down/Power-Up Timing
Aug. 1993 C
8


Similar Part No. - BQ4011YMA-100N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4011YMA-100 TI1-BQ4011YMA-100 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
More results

Similar Description - BQ4011YMA-100N

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM6132K800W EOREX-EM6132K800W Datasheet
339Kb / 12P
   32Kx8 LP SRAM
logo
List of Unclassifed Man...
N341256 ETC1-N341256 Datasheet
397Kb / 9P
   CMOS SRAM 256K-BIT(32KX8)
logo
Holtek Semiconductor In...
HT62L256 HOLTEK-HT62L256 Datasheet
115Kb / 10P
   CMOS 32Kx8 Low Power SRAM
logo
Alliance Semiconductor ...
7C256 ALSC-7C256 Datasheet
125Kb / 8P
   High Performance 32Kx8 CMOS SRAM
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com