Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD40106BF Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CD40106BF
Description  CMOS HEX SCHMITT TRIGGERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD40106BF Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD40106BF Datasheet HTML 3Page - Texas Instruments CD40106BF Datasheet HTML 4Page - Texas Instruments CD40106BF Datasheet HTML 5Page - Texas Instruments CD40106BF Datasheet HTML 6Page - Texas Instruments CD40106BF Datasheet HTML 7Page - Texas Instruments CD40106BF Datasheet HTML 8Page - Texas Instruments CD40106BF Datasheet HTML 9Page - Texas Instruments CD40106BF Datasheet HTML 10Page - Texas Instruments CD40106BF Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - CD40106BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40106BF TI-CD40106BF Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD40106BF TI1-CD40106BF Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD40106BF3A TI-CD40106BF3A Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD40106BF3A TI1-CD40106BF3A Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
More results

Similar Description - CD40106BF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD40106BMS INTERSIL-CD40106BMS Datasheet
75Kb / 9P
   CMOS Hex Schmitt Triggers
December 1992
logo
Texas Instruments
CD40106BM96G4 TI-CD40106BM96G4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD40106BMG4 TI-CD40106BMG4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS HEX SCHMITT TRIGGERS
CD401056B TI1-CD401056B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
logo
Unisonic Technologies
UCD40106B UTC-UCD40106B_15 Datasheet
179Kb / 6P
   HEX SCHMITT TRIGGERS
logo
STMicroelectronics
HCC40106B STMICROELECTRONICS-HCC40106B Datasheet
305Kb / 13P
   HEX SCHMITT TRIGGERS
logo
Unisonic Technologies
CD40106 UTC-CD40106_12 Datasheet
164Kb / 6P
   HEX SCHMITT TRIGGERS
UCD40106B UTC-UCD40106B Datasheet
179Kb / 6P
   HEX SCHMITT TRIGGERS
logo
Aeroflex Circuit Techno...
UT54ACS14E AEROFLEX-UT54ACS14E Datasheet
130Kb / 11P
   Hex Inverting Schmitt Triggers
UT54ACS14 AEROFLEX-UT54ACS14 Datasheet
231Kb / 9P
   Hex Inverting Schmitt Triggers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com