Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4845S-A4TRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ4845S-A4TRG4
Description  Parallel RTC With CPU Supervisor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4845S-A4TRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ4845S-A4TRG4 Datasheet HTML 7Page - Texas Instruments BQ4845S-A4TRG4 Datasheet HTML 8Page - Texas Instruments BQ4845S-A4TRG4 Datasheet HTML 9Page - Texas Instruments BQ4845S-A4TRG4 Datasheet HTML 10Page - Texas Instruments BQ4845S-A4TRG4 Datasheet HTML 11Page - Texas Instruments BQ4845S-A4TRG4 Datasheet HTML 12Page - Texas Instruments BQ4845S-A4TRG4 Datasheet HTML 13Page - Texas Instruments BQ4845S-A4TRG4 Datasheet HTML 14Page - Texas Instruments BQ4845S-A4TRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
DC Electrical Characteristics (TA =TOPR, VCCmin ≤ VCC ≤ VCCmax)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions/Notes
ILI
Input leakage current
-
-
± 1
µAVIN =VSS to VCC
ILO
Output leakage current
-
-
± 1
µA
CS =VIH or OE =VIH or WE
=VIL
VOH
Output high voltage
2.4
-
-
V
IOH = -2.0 mA
VOHB
VOH, BC Supply
VBC- 0.3
-
-
V
VBC >VCC,IOH = -10
µA
VOL
Output low voltage
-
-
0.4
V
IOL = 4.0 mA
ICC
Operating supply current
-
12
25
mA
Min. cycle, duty = 100%,
CS =VIL,II/O = 0mA
ISB1
Standby supply current
-
3
-
mA
CS =VIH
ISB2
Standby supply current
-
1.5
-
mA
CS
≥ VCC - 0.2V,
0V
≤ VIN ≤ 0.2V,
or VIN
≥ VCC - 0.2V
VSO
Supply switch-over voltage
-
VBC
-V
ICCB
Battery operation current
-
0.3
0.5
µA
VBC =3V, TA = 25°C, no load
on VOUT or CEOUT
VPFD
Power-fail-detect voltage
4.55
4.62
4.75
V
bq4845
Power-fail-detect voltage
4.30
4.37
4.5
V
bq4845Y
VOUT1
VOUT voltage
VCC - 0.3V
-
-
V
IOUT = 100mA, VCC >VBC
VOUT2
VOUT voltage
VBC - 0.3V
-
-
V
IOUT = 100
µA, VCC <VBC
VRST
RST output voltage
-
-
0.4V
-
IRST = 4mA
VINT
INT output voltage
-
-
0.4V
-
IINT = 4mA
VWDO
WDO output voltage
-
-
0.4V
-
ISINK = 4mA
2.4
-
-
-
ISOURCE = 2mA
IWDIL
Watchdog input low current
-50
-10
-
µA
0<VWDI < 0.8V
IWDIH
Watchdog input high current
-
20
50
µA
2.2<VWDI <VCC
Notes:
Typical values indicate operation at TA = 25°C, VCC =5V.
RST and INT are open-drain outputs.
Crystal Specifications (DT-26 or Equivalent)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
fO
Oscillation frequency
-
32.768
-
kHz
CL
Load capacitance
-
6
-
pF
TP
Temperature turnover point
20
25
30
°C
k
Parabolic curvature constant
-
-
-0.042
ppm/°C
Q
Quality factor
40,000
70,000
-
R1
Series resistance
-
-
45
K
C0
Shunt capacitance
-
1.1
1.8
pF
C0/C1
Capacitance ratio
-
430
600
DL
Drive level
-
-
1
µW
∆f/fO
Aging (first year at 25°C)
-
1
-
ppm
Aug. 1995
bq4845/bq4845Y


Similar Part No. - BQ4845S-A4TRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4845S-A4TRG4 TI1-BQ4845S-A4TRG4 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
More results

Similar Description - BQ4845S-A4TRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4845 TI1-BQ4845_14 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4802YDWRG4 TI1-BQ4802YDWRG4 Datasheet
920Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR
logo
Intersil Corporation
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com