Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP-2S-10 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # IMP-2S-10
Description  IMAGE REJECT MIXERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

IMP-2S-10 Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  IMP-2S-10 Datasheet HTML 1Page - Merrimac Industries, Inc. IMP-2S-10 Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ampl.
Balance
0 dB
0.25
0.5
0.75
1.0
2.0
IMP-2 Series
IMAGE REJECT MIXERS
10 to 3000 MHz / Image Rejection up to 30 dB / Internal Summing Quadrature / Hi-Rel Package
Forfurtheri
nformati
oncontact
M ERRIM AC /41 Fairfield Pl.,W estCaldw ell,NJ,07006 /973-575-1300 /FAX 973-575-0531
General Notes:
1. Image Rejection Mixers are integrated networks composed of an in-phase power divider, two double balanced mixers and two 90°
quadrature hybrids. Their principal function is the separation of two signals closely spaced in the frequency domain in, for example, a
receiver’s IF stage.
2. An image is a spurious signal occurring in a receiver’s IF stage together with the real signal. Both result from the mixing process.
Normally, a passband filter selects the real signal while rejecting the image. However, when the frequency difference between the real
and image signals is relatively small, conventional bandpass filters are generally inadequate.
3. In an Image Reject Mixer, the image is separated from the real signal by vector subtraction. The resulting attenuation of the image
is usually expressed as the ‘‘Image Rejection Ratio’’ in dB. (See graph).
4. Several factors affect attainable image rejection. For example, image rejection is a function of bandwidth, the phase and amplitude
balances of the individual components chosen, mixer sensitivity and VSWR interaction among other factors. The graph allows estimating
attainable image rejection under the variables of phase error and amplitude imbalance.
5. Merrimac offers a wide range of Image Reject Mixers for numerous applications. All units are designed and built in accord with
applicable specifications. Designers are invited to work closely with Merrimac engineers to insure best results.
6. All Merrimac Image Reject Mixers comply with applicable sections of MIL-M-28837 and may be supplied screened for compliance
with additional specifications for military and space applications requiring the highest reliability.
GENERAL SPECIFICATIONS
(when used as a Down Converter)
RF/LO Input Characteristics
Impedance:
50
Ω nom.
VSWR:
1.5:1 max.
RF Power Level:
0 dBm nom.
LO Power Level:
+10 dBm nom.
IF Bandwidth:
up to an octave
RF Bandwidth:
up to an octave
LO Bandwidth:
10%
Output Characteristics
Conversion Loss:
9 dB max.
Image Rejection:
25 dB min.
(For bandwidth as above)
Operating Temp:
-- 55° to +85°C
PRINCIPAL SPECIFICATIONS
Model
LO Center
Bandwidth Outline
Number Freq., fo, MHz
MHz
Style
IMP-2S-***/
10 - 1000
10% of fo
S
IMP-2U-***/ 1000 - 3000
10% of fo
U
Model Numbering Note
A complete model number shall be assigned upon
establishment of a full performance specification by the factory
in conjunction with the customer. The model number shall
include an indicator of the center frequency (f0) and a special
slash number to distinguish it from related units. The format of
model numbers is as above where *** = f0.
23Feb96
IMAGE REJECTION
Phase Error (degrees)
for a given Amplitude and Phase Balance
0
0.5
1
1.5
2
2.5
3
50
45
40
35
30
25
20
15
IMAGE REJECTION
Image
Rejection
Ratio


Similar Part No. - IMP-2S-10

ManufacturerPart #DatasheetDescription
logo
ORION FANS
IMP-200-YY ORIONFANS-IMP-200-YY Datasheet
5Mb / 8P
   AC & EC FANS
IMP-230-YY ORIONFANS-IMP-230-YY Datasheet
5Mb / 8P
   AC & EC FANS
IMP-250-YY ORIONFANS-IMP-250-YY Datasheet
5Mb / 8P
   AC & EC FANS
More results

Similar Description - IMP-2S-10

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
IMF-2F-10 MERRIMAC-IMF-2F-10 Datasheet
41Kb / 1P
   IMAGE REJECT MIXERS
IMM-2D-20 MERRIMAC-IMM-2D-20 Datasheet
40Kb / 1P
   IMAGE REJECT MIXERS
logo
Marki Microwave
IR-4509 MARKIMICROWAVE-IR-4509 Datasheet
126Kb / 2P
   IMAGE REJECT DOUBLE-BALANCED MIXERS
IRW-0618 MARKIMICROWAVE-IRW-0618 Datasheet
139Kb / 2P
   IMAGE REJECT DOUBLE-BALANCED MIXERS
logo
M/A-COM Technology Solu...
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
   Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH_15 Datasheet
692Kb / 6P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH Datasheet
692Kb / 6P
   Image Reject Mixer
logo
API Technologies Corp
IRM5XMS-1 APITECH-IRM5XMS-1 Datasheet
1Mb / 1P
   Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1001-BD MA-COM-XM1001-BD Datasheet
1Mb / 10P
   Image Reject Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com