Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA-02A Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # FMA-02A
Description  Single Channel Filter Mounting Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

FMA-02A Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  FMA-02A Datasheet HTML 1Page - Frequency Devices, Inc. FMA-02A Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
PR-FMA02A-00
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
FMA-02A
Single Channel
Filter Mounting Assembly
For 424, 428, 824 & 828
Series Modules
824/828
424/428
M2
M1
F
PC-000HN-00
SW1
R1 C1 R2
C3
OUT GND
R4
A1
IN GND
R3
C2
R6
SW2
A2
R5
C7
R7
C6
C10
C11
C8
C9
C4
C5
R8
R9
R10
R11
R12
R13
R14
R15
R16
R17
R18
R19
Amplifier stage A1 is configured
for unity gain. Gain may be added
to the input stage by inser
ting
R4 as derived by the following
formula:
Vout=
Amplifier stage A2 is configured
for unity gain. Gain may be added
to the input stage by inser
ting
R6 as derived by the following
formula:
Vout=
IN
GND
OUT
GND
R2
R3
R4
A1
P1
R5
A2
R7
R6
SW1
M1
824/828
OS
OUT
+VS
-VS
424/428
M2
OS
OUT
+VS
-VS
+5V
P1
IN
IN
R4+2.49k Ohms Vin(input stage)
R4
R6+2.49k Ohms
R6
Vin(output stage)
SCHEMATIC
Amplifier stage A1 is configured
for unity gain. Gain may be added to
the input stage by inserting R4 as
derived by the following formula:
Amplifier stage A2 is configured
for unity gain. Gain may be added to
the input stage by inserting R6 as
derived by the following formula:


Similar Part No. - FMA-02A

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
FMA-01S FREQUENCYDEVICES-FMA-01S Datasheet
146Kb / 3P
   Single Channel Filter Mounting Assembly
FMA-03A FREQUENCYDEVICES-FMA-03A Datasheet
541Kb / 2P
   Single Channel Filter Mounting Assembly
FMA-04A FREQUENCYDEVICES-FMA-04A Datasheet
438Kb / 2P
   Single Channel Filter Mounting Assembly
More results

Similar Description - FMA-02A

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
FMA-04A FREQUENCYDEVICES-FMA-04A Datasheet
438Kb / 2P
   Single Channel Filter Mounting Assembly
FMA-01S FREQUENCYDEVICES-FMA-01S Datasheet
146Kb / 3P
   Single Channel Filter Mounting Assembly
FMA-03A FREQUENCYDEVICES-FMA-03A Datasheet
541Kb / 2P
   Single Channel Filter Mounting Assembly
FIB1 FREQUENCYDEVICES-FIB1 Datasheet
101Kb / 1P
   Single Channel Filter Mounting Box
FMA-PS FREQUENCYDEVICES-FMA-PS Datasheet
151Kb / 2P
   Filter Mounting Assembly
logo
PREMO CORPORATION S.L
FAM_FILE00000047 PREMO-FAM_FILE00000047 Datasheet
127Kb / 1P
   CHASSIS MOUNTING SINGLE STAGE FILTER
logo
SG Micro Corp
SGM9152 SGMICRO-SGM9152 Datasheet
461Kb / 12P
   Single Channel, Video Filter
logo
List of Unclassifed Man...
FN405-3-02 ETC2-FN405-3-02 Datasheet
202Kb / 3P
   PCB-mounting filter
L21402L ETC2-L21402L Datasheet
71Kb / 1P
   Chassis mounting filter
logo
Schaffner International...
FN-405 SCHAFFNER-FN-405 Datasheet
1Mb / 3P
   PCB-mounting filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com