Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD744C Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD744C
Description  isc Silicon PNP Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD744C Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD744C Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD744C Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
BD744C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -30mA; IB= 0
-100
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -5A; IB= -0.5A
B
-1.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -15A; IB= -5A
-3.0
V
VBE(on)-1
Base-Emitter On Voltage
IC= -5A ; VCE= -4V
-1.0
V
VBE(on)-2
Base-Emitter On Voltage
IC= -15A ; VCE= -4V
-3.0
V
VCB= -110V; IE= 0
-0.1
ICBO
Collector Cutoff Current
VCB= -110V; IE= 0; TC= 125℃
-5.0
mA
ICEO
Collector Cutoff Current
VCE= -60V; IB= 0
B
-0.1
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-0.5
mA
hFE-1
DC Current Gain
IC= -1A ; VCE= -4V
40
hFE-2
DC Current Gain
IC= -5A ; VCE= -4V
20
150
hFE-3
DC Current Gain
IC= -15A ; VCE= -4V
5
Switching Times
td
Delay Time
20
ns
tr
Rise Time
120
ns
ts
Storage Time
600
ns
tf
Fall time
IC= -5A; IB1= -IB2= -5A;
VBE(off)= 4.2V; RL= 6Ω;
tp= 20μs,DutyCycle≤ 2%
300
ns
isc Website:www.iscsemi.cn
2


Similar Part No. - BD744C

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD744C POINN-BD744C Datasheet
87Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD744C BOURNS-BD744C Datasheet
107Kb / 5P
   PNP SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD744C SAVANTIC-BD744C Datasheet
101Kb / 3P
   Silicon PNP Power Transistors
BD744C SAVANTIC-BD744C Datasheet
102Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BD744C NJSEMI-BD744C Datasheet
131Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - BD744C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD888 ISC-STD888 Datasheet
227Kb / 2P
   isc Silicon PNP Power Transistor
2SB1157-3PFA ISC-2SB1157-3PFA Datasheet
152Kb / 2P
   isc Silicon PNP Power Transistor
KTB1366 ISC-KTB1366 Datasheet
150Kb / 2P
   isc Silicon PNP Power Transistor
KSH210 ISC-KSH210 Datasheet
336Kb / 3P
   isc Silicon PNP Power Transistor
BUX78 ISC-BUX78 Datasheet
213Kb / 2P
   isc Silicon PNP Power Transistor
BDS18 ISC-BDS18 Datasheet
193Kb / 2P
   isc Silicon PNP Power Transistor
2N3197 ISC-2N3197 Datasheet
260Kb / 2P
   isc Silicon PNP Power Transistor
2SA1649 ISC-2SA1649 Datasheet
283Kb / 2P
   isc Silicon PNP Power Transistor
2SB538 ISC-2SB538 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
2SB724 ISC-2SB724 Datasheet
257Kb / 2P
   isc Silicon PNP Power Transistor
BD844 ISC-BD844_17 Datasheet
276Kb / 2P
   isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com