Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA151 Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # APA151
Description  Duct Smoke Detector Accessories
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

APA151 Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  APA151 Datasheet HTML 1Page - Systemsensor advanced ideas. APA151 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2008 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0375-003 • 6/08 • #1991
APA151 Piezo Annunciator
Voltage
Regulated 24 VDC
Operating Voltage
16 to 33 VDC
Maximum Alarm Current
30 mA
Temperature Range
0°C to 49°C (32°F to 120°F)
Relative Humidity
10 to 93% non-condensing
Wire Gauge
12 to 18 AWG
Dimensions
4.6 in H × 2.9 in W × .45 in D
MHR/MHW SpectrAlert® Advance Mini-Horns
Voltage
Regulated 12 DC or FWR (Full Wave Rectified)
or Regulated 24VDC or FWR
Operating Voltage
8 to 33 VDC
(9 to 33 VDC with Sync•CircuitModule)
Sounder Current Draw
22 mA RMS max at 8 to 17.5 Volts DC
17 mA RMS max at 8 to 17.5 Volts FWR
29 mA RMS max at 16 to 33 Volts DC
25 mA RMS max at 16 to 33 Volts FWR
Temperature Range
0°C to 49°C (32°F to 120°F)
Humidity Range
10 to 93% non-condensing
Nominal Sounder Frequency
3 kHz
Wire Gauge
12 to 18 AWG
Dimensions
4.6 in H × 2.9 in W × 0.45 in D
PS24LO/PS24LOW Mini-AlertAdd-on Strobes
Voltage
24 VDC
Temperature Range
0°C to 49°C (32°F to 120°F)
Wire Gauge
12 to 18 AWG
Dimensions
3.8 in H × 1.6 in W × 1.6 in D
RA400Z Remote Annunciator
Voltage Range
Conventional System: 3.1 to 32 VDC
Intelligent System: 18 to 32 VDC
Maximum Alarm Current
10 mA
Dimensions
4.6 in H × 2.8 in W × 1.3 in D
Specifications, Duct Smoke Detector Accessories
RTS451 Remote Test Station
Power Requirements
Alarm LED: 2.8 to 32 VDC, 7.5 mA max.
Total Current: 105 mA max.
Test Switch
10 VA @ 32 VDC
Reset Switch
10 VA @ 32 VDC
Alarm Response Time
40 seconds max.
Temperature Range
–10°C to 60°C (14°F to 140°F)
Relative Humidity
95% non-condensing
Wire Gauge
14 to 18AWG
Dimensions
4.6 in H × 2.75 in W × 1.8 in D
RTS451KEY Remote Test Station with Key
Power Requirements
Power LED (Green): 14 to 35 VDC, 12 mA max.
Alarm LED (Red): 2.8 to 32 VDC, 7.5 mA max.
Total Current: 103 mA maximum
Alarm Response Time
40 seconds maximum
Temperature Range
–10°C to 60°C (14°F to 140°F)
Relative Humidity
95% non-condensing
Wire Gauge
14 to 18 AWG
Dimensions
4.6 in H × 2.75 in W × 1.8 in D
SSK451 Multi-signaling Accessory
Voltage
24 VDC
Power Requirements
Standby: 8 mA
Trouble: 16 mA
Alarm without strobe: 40 mA
Alarm with strobe: 65 mA
Sounder
87 dBA at ten feet
Temperature Range
–10°C to 60°C (14°F to 140°F)
Relative Humidity
95% non-condensing
Wire Gauge
14 to 22 AWG
Dimensions
4.8 in H × 4.7 in W × 1.5 in D
For the very latest product specifications and listing information, please visit
the System Sensor web site at www.systemsensor.com.
RTS451 UL S4011
RA400Z UL S2522
RTS451KEY UL S2522
MHW UL S4011
MHR UL S4011
APA151 UL S4011
SSK451 UL S2522
SSK451 with PS24LOW strobe
and PS12/24 LENSW lens


Similar Part No. - APA151

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA150 ACTEL-APA150 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA150 ACTEL-APA150 Datasheet
1Mb / 174P
   Ultra-Fast Local and Long-Line Network
APA150 ACTEL-APA150 Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA150 MICROSEMI-APA150 Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
APA150 MICROSEMI-APA150 Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
More results

Similar Description - APA151

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
DSD GREYSTONE-DSD Datasheet
670Kb / 2P
   DUCT SMOKE DETECTOR
01/20
logo
Systemsensor advanced i...
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
7251DH SYSTEMSENSOR-7251DH Datasheet
195Kb / 2P
   High Sensitivity Duct Smoke Detector
DH400 SYSTEMSENSOR-DH400 Datasheet
289Kb / 4P
   4-Wire Duct Smoke Detector
DH400ACDCIHT SYSTEMSENSOR-DH400ACDCIHT Datasheet
169Kb / 2P
   High-Temperature Duct Smoke Detector
B404B SYSTEMSENSOR-B404B Datasheet
343Kb / 4P
   Duct Smoke Detector for Special Applications
DH100ACDCI SYSTEMSENSOR-DH100ACDCI Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
D4120 SYSTEMSENSOR-D4120 Datasheet
1Mb / 4P
   4-Wire Photoelectric Duct Smoke Detector
DH500ACDC SYSTEMSENSOR-DH500ACDC Datasheet
223Kb / 12P
   Intelligent Air Duct Smoke Detector Housing
DH100I SYSTEMSENSOR-DH100I Datasheet
205Kb / 4P
   2-Wire Low-Profile Duct Smoke Detector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com