Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2121 Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # A2121
Description  Intelligent Duct Smoke Detectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

A2121 Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  A2121 Datasheet HTML 1Page - Systemsensor advanced ideas. A2121 Datasheet HTML 2Page - Systemsensor advanced ideas. A2121 Datasheet HTML 3Page - Systemsensor advanced ideas. A2121 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The System Sensor EclipseSeries photoelectric air duct smoke detectors are capable of
sensing smoke in air velocities from 500 to 4,000 feet per minute (2.54 to 20.32 m/sec).
The Eclipse Series ED-DPR duct housing can accommodate either the ED-DP or ED-DPI
Intelligent Photoelectric Sensor. The twist-in, twist-out heads allow for quick and easy
cleaning or application changes without removing the duct housing.
The Eclipse Series Detector samples air currents passing through a duct and gives
dependable performance for shutdown of fans, blowers, and air conditioning systems,
preventing the spread of toxic smoke and fire gases through the protected area.
These intelligent sensors communicate and are continuously monitored through the com-
munication line. Detector sensitivity changes caused by dirt, temperature, or humidity
are reported to the panel, allowing compensation algorithms to maintain the sensor’s set
sensitivity. An advance indication at the panel specifies the sensor address, allowing for
selected maintenance to be performed as needed.
Remote alarm annunciation can be accomplished by using the RA400Z Remote
Annunciator or the RTS451 or RTS451KEY Remote Test Station. Both these devices
allow testing of the detector from a remote location.
The Eclipse Series is designed for simplified installation and easy maintenance.
WARNING: Duct smoke detectors have specific limitations.
DUCT SMOKE DETECTORS ARE:
NOT a substitute for an open area smoke detector,
NOT a substitute for early warning detection, and
NOT a replacement for a building’s regular fire detection system.
Refer to NFPA 72 and 90A for additional duct smoke detector application information.
Air velocity rating from 500 to 4000 feet
per minute (2.54 to 20.32 m/sec.)
Operates from the control panel
communication line
Continuous sensitivity monitoring from
the panel
Intelligent photo isolator or non-isolator
heads with twist-in/twist-out removal
Easy to clean
UL recognized field-replaceable
power boards
Transparent cover for convenient
visual inspection
UL 268A listed
3-year warranty
Has outputs for remote LED display,
remote test
Requires com line power only
Powered outputs for remote LED, and
remote test and sounder
Remote test station and remote
annunciator accessories
Intelligent Model Available
ED-DPR: Duct Housing
ED-DP(I): Duct Sensor Head
*I denotes isolator version
Product Overview
APPROVED
S911
H
V A
C
S
Y
S
T
E
M
S
M
O
N
I
T
O
R
I
N
G
Series
Intelligent
Duct Smoke Detectors


Similar Part No. - A2121

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A212EHI MPD-A212EHI Datasheet
190Kb / 2P
   Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
A212EHI MPD-A212EHI Datasheet
223Kb / 2P
   A200EHI SERIES
A212R MPD-A212R Datasheet
94Kb / 2P
   Compact, Regulated, 2W Single & Dual Output DC/DC Converters
A212RHI MPD-A212RHI Datasheet
184Kb / 2P
   Very High Isolation, 2W Single & Dual Output DC/DC Con vert ers
A212RHI MPD-A212RHI Datasheet
201Kb / 2P
   A200RHI
More results

Similar Description - A2121

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
DH200PL SYSTEMSENSOR-DH200PL Datasheet
404Kb / 4P
   Intelligent Low-Flow Duct Smoke Detectors
logo
Gamewell-FCI by Honeywe...
SS-PD GAMEWELL-FCI-SS-PD Datasheet
225Kb / 4P
   Intelligent Low-Flow Photoelectric Duct Smoke Detectors
logo
List of Unclassifed Man...
72247 ETC2-72247 Datasheet
203Kb / 2P
   For Duct Smoke Detectors
logo
Gamewell-FCI by Honeywe...
XP95-ID GAMEWELL-FCI-XP95-ID Datasheet
253Kb / 2P
   Analog Addressable Duct Smoke Detectors
logo
Systemsensor advanced i...
500SERIES SYSTEMSENSOR-500SERIES Datasheet
800Kb / 2P
   Intelligent Duct Smoke Detector
ED-P SYSTEMSENSOR-ED-P Datasheet
124Kb / 4P
   Intelligent Photoelectric Smoke Detectors
DH500ACDC SYSTEMSENSOR-DH500ACDC Datasheet
223Kb / 12P
   Intelligent Air Duct Smoke Detector Housing
DNR SYSTEMSENSOR-DNR Datasheet
1Mb / 4P
   Intelligent Non-Relay Photoelectric Duct Smoke Detector
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
   Smoke Detectors
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
   SMOKE DETECTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com