Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPSRK Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # SPSRK
Description  Outdoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SPSRK Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  SPSRK Datasheet HTML 1Page - Systemsensor advanced ideas. SPSRK Datasheet HTML 2Page - Systemsensor advanced ideas. SPSRK Datasheet HTML 3Page - Systemsensor advanced ideas. SPSRK Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A05-0425-002
SpectrAlert® Advance Outdoor Speaker and Speaker Strobe Specifications
Architectural/Engineering Specifications
General
SpectrAlert Advance outdoor speaker and speaker strobes shall mount to a weatherproof back box. A universal mounting plate shall be used for mounting
ceiling and wall products. The notification appliance circuit and amplifier wiring shall terminate at the universal mounting plate. Also, SpectrAlert Advance
speakerstrobes,whenusedwiththeSync•CircuitModule accessory, shall be powered from a non-coded notification appliance circuit output and shall operate
onanominal12or24volts.WhenusedwiththeSync•CircuitModule,12-voltratednotificationappliancecircuitoutputsshalloperatebetween9and17.5volts;
24-volt rated notification appliance circuit outputs shall operate between 17 and 33 volts. Outdoor SpectrAlert Advance products shall operate between –40°F
and 151°F from a regulated DC, or full-wave rectified, unfiltered power supply.
Speaker
Speaker shall be a System Sensor SpectrAlert Advance Model ______ dual voltage transformer speaker capable of operating at 25.0 or 70.7 nominal Vrms.
Speaker shall be listed to Underwriter’s Laboratories Standard S4048 for outdoor fire protective signaling systems. Speaker shall have a frequency range of 400
to 4000 Hz and shall have an operating temperature from –40°F to 150.8°F. Speaker shall have power taps and wattage settings which are selected by rotary
switches. The speaker must be installed with its weatherproof backbox in order to remain outdoor approved per UL listing S4048. The speaker shall be suitable
for use in air handling spaces, as well as wet environments.
Speaker Strobe combination
The Speaker Strobe shall be a System Sensor Model _____ listed to UL 1638 and UL 1480 and be approved for fire protective signaling systems. Speaker shall
be capable of operating at 25.0 or 70.7 nominal Vrms, and shall have a frequency range of 400 to 4000 Hz. Speaker shall have power taps that are selected
by rotary switch. The strobe shall consist of a xenon flash tube with associated lens/reflector system and operate on either 12V or 24V. The strobe shall also
feature selectable candela output, providing options for 15 or 15/75 candela when operating on 12V and 15, 15/75, 30, 75, 110, 115, 135, 150, 177 or 185 when
operating on 24V. The strobe shall comply with the Americans with Disabilities Act requirement for visible signaling appliances, flashing at 1 Hz over the strobe’s
entire operating voltage range. The speaker strobe must be installed with its weatherproof back box in order to remain outdoor approved per UL. The speaker
strobe shall be suitable for use in wet environments.
Physical Specifications
Operating Temperature
–40°F to 151°F (–40°C to 66°C)
Dimensions, Wall-Mount
SPS Speaker Strobe
6.0 in L × 5.0 in W × 4.7 in D (including lens and speaker)
SP Speaker
6.0inL×5.0inW×2.9inD
Dimensions, Ceiling-Mount
SPS Speaker Strobe
6.8 in Dia. × 4.7 in D (including lens and speaker)
SP Speaker
6.8inDia.×2.9inD
Dimensions, Wall-Mount Weatherproof Back Box
6.5inL×5.5inH×2.9inD
Dimensions, Ceiling-Mount Weatherproof Back Box
7.2inDia.×2.9inD
Electrical/Operating Specifications
Nominal Voltage (speakers)
25 Volts or 70.7 Volts (nominal)
Maximum Supervisory Voltage (speakers)
50 VDC
Strobe Flash Rate
1 flash per second
Nominal Voltage (strobes)
Regulated 12 VDC/FWR or regulated 24 DC/FWR
Operating Voltage Range (includes fire alarm panels
with built in sync)
8 to 17.5 V (12 V nominal) or 16 to 33 V (24 V nominal)
Operating Voltage with MDL Sync Module
9to17.5V(12Vnominal)or17to33V(24Vnominal)
Frequency Range
400 to 4000 Hz
Power
¼, ½, 1, 2 watts


Similar Part No. - SPSRK

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SPSRK GAMEWELL-FCI-SPSRK Datasheet
272Kb / 3P
   Wall mount outdoor speaker
More results

Similar Description - SPSRK

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SPW SYSTEMSENSOR-SPW Datasheet
1Mb / 4P
   Indoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
SP2R1224MCK SYSTEMSENSOR-SP2R1224MCK Datasheet
286Kb / 2P
   Selectable Output Outdoor Wall Speaker/Strobes
SP201K SYSTEMSENSOR-SP201K Datasheet
268Kb / 2P
   SP201K Outdoor Dual Voltage Evacuation Speakers
SP2 SYSTEMSENSOR-SP2 Datasheet
291Kb / 2P
   Selectable Output Wall Speaker/Strobes
SP200W SYSTEMSENSOR-SP200W Datasheet
396Kb / 2P
   Dual-Voltage Evacuation Speakers
PC2RK SYSTEMSENSOR-PC2RK Datasheet
569Kb / 4P
   Outdoor Selectable- Output Strobes and Horn Strobes for Ceiling Applications
logo
Gamewell-FCI by Honeywe...
P1224MC GAMEWELL-FCI-P1224MC Datasheet
49Kb / 3P
   SELECTABLE OUTPUT STROBES AND HORNS
logo
Systemsensor advanced i...
S1224MC SYSTEMSENSOR-S1224MC Datasheet
299Kb / 4P
   Selectable Output Strobe and Horn Strobes
CHR SYSTEMSENSOR-CHR Datasheet
411Kb / 4P
   Selectable Output Chimes and Chime/Strobes
logo
Gamewell-FCI by Honeywe...
E70-24MCW-FR GAMEWELL-FCI-E70-24MCW-FR Datasheet
119Kb / 4P
   Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com