Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2415 Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # S2415
Description  Wall-Mount Horns, Strobes, and Horn/Strobes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

S2415 Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  S2415 Datasheet HTML 1Page - Systemsensor advanced ideas. S2415 Datasheet HTML 2Page - Systemsensor advanced ideas. S2415 Datasheet HTML 3Page - Systemsensor advanced ideas. S2415 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall-Mount Horns, Strobes,
and Horn/Strobes
AUDIBLE/VISIBLE
NOTIFICA TION
System Sensor’s SpectrAlert
® wall-mount series includes a complete line of electronic
horns, strobes, and horn/strobes. Intended for primary signaling use, SpectrAlert
products meet UL1971, UL464, and Americans with Disabilities Act requirements.
Technology.
With its extremely efficient reflector design and Xenon flash tube,
SpectrAlert offers current draw reductions as high as 40% over previous gener-
ation designs. By consuming less current, the flexibility to connect more devices
per loop is possible, for a lower installed cost.
Installation.
SpectrAlert products offer installation ease which also lowers the
installed cost. By taking up no room in the back box, SpectrAlert strobes and
horn/strobes make wiring connections simpler and faster. Each SpectrAlert
includes a universal mounting plate for 4
″ square and single gang back box
mounting. Accessory mounting plates are also available for small footprint or
surface mount applications.
Flexibility.
SpectrAlert offers the flexibility to meet a broad range of
requirements. The SpectrAlert horns and horn/strobes feature a number of
field-selectable/reversible horn tones. For visible requirements, SpectrAlert
strobes and horn/strobes are available in a wide variety of configurations to
address non-sleeping area, sleeping area, and corridor requirements.
Offerings include 24-volt models at 15, 15/75, 30, 75, and 110 candela,
and 12-volt devices at 15 and 15/75 candela.
Aesthetics.
To meet building owner aesthetic requirements, SpectrAlert
incorporates a stylish, low profile design. And this aesthetic is consistent across
all SpectrAlert wall-mount products.
Models Available*
Horn/Strobes
P1215
P121575
P2415
P241575
P2430
P2475
P24110
Strobes
S1215
S121575
S2415
S241575
S2430
S2475
S24110
Horns
H12/24
Product Overview
Horn/Strobe
Meet UL and ADA signaling requirements
Lower current draw
More devices per loop
Lower installed cost
Universal mounting plate included
Accessory mounting plates available
Field-selectable horn tones
Electromechanical / 3kHz
Temporal 3 / Non-temporal 3
High / Low dBA output
Available in 15, 15/75, 30, 75, and 110
candela
Synchronizable horns and strobes with
Sync•Circuit
module
Aesthetic design
Strobe
Horn
Back Box Skir t
*Refer to Ordering Information for other
configurations


Similar Part No. - S2415

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S24163 SUMMIT-S24163 Datasheet
166Kb / 12P
   Precision RESET Controller with 16K I2C Memory
S24163S2.7 SUMMIT-S24163S2.7 Datasheet
166Kb / 12P
   Precision RESET Controller with 16K I2C Memory
S24163S2.7T SUMMIT-S24163S2.7T Datasheet
166Kb / 12P
   Precision RESET Controller with 16K I2C Memory
S24163SA SUMMIT-S24163SA Datasheet
166Kb / 12P
   Precision RESET Controller with 16K I2C Memory
S24163SAT SUMMIT-S24163SAT Datasheet
166Kb / 12P
   Precision RESET Controller with 16K I2C Memory
More results

Similar Description - S2415

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SC2415W SYSTEMSENSOR-SC2415W Datasheet
332Kb / 4P
   Strobes and Horn Strobes
logo
Gamewell-FCI by Honeywe...
SC2415 GAMEWELL-FCI-SC2415 Datasheet
536Kb / 4P
   SC Strobes and PC Horn/Strobes
logo
Systemsensor advanced i...
S2475RLP SYSTEMSENSOR-S2475RLP Datasheet
126Kb / 2P
   SpectrAlert??Colored Lens Strobes and Horn/Strobes
logo
Gamewell-FCI by Honeywe...
P1224MC GAMEWELL-FCI-P1224MC Datasheet
49Kb / 3P
   SELECTABLE OUTPUT STROBES AND HORNS
logo
Systemsensor advanced i...
P12015K SYSTEMSENSOR-P12015K Datasheet
118Kb / 2P
   Outdoor Horn/Strobes
logo
Gamewell-FCI by Honeywe...
NS-24MCW-FR GAMEWELL-FCI-NS-24MCW-FR Datasheet
125Kb / 3P
   Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
logo
Systemsensor advanced i...
PC2RK SYSTEMSENSOR-PC2RK Datasheet
569Kb / 4P
   Outdoor Selectable- Output Strobes and Horn Strobes for Ceiling Applications
logo
Gamewell-FCI by Honeywe...
SP2R1224MC GAMEWELL-FCI-SP2R1224MC Datasheet
203Kb / 2P
   Wall Speaker/Strobes
logo
Systemsensor advanced i...
SP2R2415 SYSTEMSENSOR-SP2R2415 Datasheet
178Kb / 2P
   Wall Speaker Strobes
S1224MC SYSTEMSENSOR-S1224MC Datasheet
299Kb / 4P
   Selectable Output Strobe and Horn Strobes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com