Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC273EE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC273EE4
Description  Octal D Flip-Flop with Reset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC273EE4 Datasheet(HTML) 4 Page - Texas Instruments

  CD74AC273EE4 Datasheet HTML 1Page - Texas Instruments CD74AC273EE4 Datasheet HTML 2Page - Texas Instruments CD74AC273EE4 Datasheet HTML 3Page - Texas Instruments CD74AC273EE4 Datasheet HTML 4Page - Texas Instruments CD74AC273EE4 Datasheet HTML 5Page - Texas Instruments CD74AC273EE4 Datasheet HTML 6Page - Texas Instruments CD74AC273EE4 Datasheet HTML 7Page - Texas Instruments CD74AC273EE4 Datasheet HTML 8Page - Texas Instruments CD74AC273EE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Low Level Output Voltage
VOL
VIH or VIL
0.05
1.5
-
0.1
-
0.1
-
0.1
V
0.05
3
-
0.1
-
0.1
-
0.1
V
0.05
4.5
-
0.1
-
0.1
-
0.1
V
12
3
-
0.36
-
0.44
-
0.5
V
24
4.5
-
0.36
-
0.44
-
0.5
V
75
(Note 6, 7)
5.5
-
-
-
1.65
-
-
V
50
(Note 6, 7)
5.5
-----
1.65
V
Input Leakage Current
II
VCC or
GND
-
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Supply Current
MSI
ICC
VCC or
GND
0
5.5
-
8
-
80
-
160
µA
ACT TYPES
High Level Input Voltage
VIH
-
-
4.5 to
5.5
2-2-2-
V
Low Level Input Voltage
VIL
-
-
4.5 to
5.5
-
0.8
-
0.8
-
0.8
V
High Level Output Voltage
VOH
VIH or VIL
-0.05
4.5
4.4
-
4.4
-
4.4
-
V
-24
4.5
3.94
-
3.8
-
3.7
-
V
-75
(Note 6, 7)
5.5
-
-
3.85
-
-
-
V
-50
(Note 6, 7)
5.5
----
3.85
-
V
Low Level Output Voltage
VOL
VIH or VIL
0.05
4.5
-
0.1
-
0.1
-
0.1
V
24
4.5
-
0.36
-
0.44
-
0.5
V
75
(Note 6, 7)
5.5
-
-
-
1.65
-
-
V
50
(Note 6, 7)
5.5
-----
1.65
V
Input Leakage Current
II
VCC or
GND
-
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Supply Current
MSI
ICC
VCC or
GND
0
5.5
-
8
-
80
-
160
µA
Additional Supply Current per
Input Pin TTL Inputs High
1 Unit Load
∆ICC
VCC
-2.1
-
4.5 to
5.5
-
2.4
-
2.8
-
3
mA
NOTES:
6. Test one output at a time for a 1-second maximum duration. Measurement is made by forcing current and measuring voltage to minimize
power dissipation.
7. Test verifies a minimum 50
Ω transmission-line-drive capability at 85oC, 75Ω at 125oC.
ACT Input Load Table
INPUT
UNIT LOAD
Dn
0.5
MR
0.57
CP
1
NOTE: Unit load is
∆ICC limit specified in DC Electrical Specifications
Table, e.g., 2.4mA max at 25oC.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
CD54AC273, CD74AC273, CD54ACT273, CD74ACT273


Similar Part No. - CD74AC273EE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC273EE4 TI-CD74AC273EE4 Datasheet
455Kb / 17P
[Old version datasheet]   Octal D Flip-Flop with Reset
More results

Similar Description - CD74AC273EE4

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CD54AC273 HARRIS-CD54AC273 Datasheet
10Kb / 1P
   Octal D Flip-Flop with Reset
logo
Texas Instruments
CD54AC273 TI-CD54AC273_08 Datasheet
485Kb / 17P
[Old version datasheet]   Octal D Flip-Flop with Reset
CD54AC273 TI-CD54AC273_07 Datasheet
455Kb / 17P
[Old version datasheet]   Octal D Flip-Flop with Reset
logo
KODENSHI_AUK CORP.
KK74HC273A KODENSHI-KK74HC273A Datasheet
242Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
logo
Pericom Semiconductor C...
P174FCT2273T PERICOM-P174FCT2273T Datasheet
49Kb / 4P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integrated Device Techn...
7028L20PFI IDT-7028L20PFI Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
logo
Pericom Semiconductor C...
PI74FCT273T PERICOM-PI74FCT273T Datasheet
148Kb / 6P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integral Corp.
IN74ACT273 INTEGRAL-IN74ACT273 Datasheet
182Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
ON Semiconductor
MC74HC273 ONSEMI-MC74HC273 Datasheet
195Kb / 8P
   OCTAL D FLIP FLOP WITH COMMON CLOCK AND RESET
May, 2000 ??Rev. 9
logo
Integral Corp.
IN74HC273A INTEGRAL-IN74HC273A Datasheet
148Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com