Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP550-60PLN Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # FSP550-60PLN
Description  550 Watts EPS12V Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP550-60PLN Datasheet(HTML) 1 Page - Sparkle Power Inc.

  FSP550-60PLN Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90~265V AC, Full Range Input
Frequency: 47~63Hz
Input Current: 10A (RMS) @115V AC, 5A (RMS) @230V
AC
Inrush Current: 80A Max for 115V AC, 120A Max for 230V
AC Cold start
Specification
Temperature Range: Operating 0° C ~ +30° C on full
load; storage & shipping -20° C ~ +80° C
Humidity: 95% on operating and 95% on storage
Dielectric Withstand: Input to frame ground 1800V AC
for 1 second
Efficiency: 63% at minimum measured at nominal AC
main voltage and frequency with maximum load on all
output
Rise Time: Less than 20ms
Hold-up Time: 18ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ms to 500
ms, off delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Not exceed 3.5mA at 264VAC/50Hz
MTBF: 100,000 hours on maximum load at +25° C degree
Dimension (WxHxL): 150x86x140mm/5.9”x3.4”x5.5”
inches
Features
Complied with EPS12V standard
Active Power Factor Correction Meeting with EN61000-3-2
High efficiency and reliability
Remote On/Off function
Internal 12V DC fan included
Noise Killer (Thermal fan speed control function)
Low noise and ripple
Complies with FCC part 15 subpart J Class B and CISPR 22
Class B
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Approved by UL60950, CSA C22.2 NO.60950, TUV
EN60950, NEMKO EN60950 (CB Report), CE
Sparkle Power Inc.
A Leading Power Supply manufacturer
Web site: www.sparklepower.com
FSP550-60PLN
550 Watts EPS12V Switching Power Supply
Output Characteristics
Output Voltage
Minimum Load
Maximum
Load
Load
Reg.
Line
Reg.
Ripple & Noise
+3.3V
0.4A
27.0A
+5%/-4%
± 1%
50mV P-P
+5V
3.0A
29.0A
+5%/-4%
± 1%
50mV P-P
+12V CPU
1.0A
18.0A
+5%/-4%
± 1%
120mV P-P
+12V I/O
1.0A
18.0A
+5%/-4%
± 1%
120mV P-P
-5V
0.0A
0.3A
± 10%
± 2%
120mV P-P
-12V
0.0A
0.8A
+9%/-5%
± 2%
120mV P-P
+5Vsb
0.0A
2.0 A
+5%/-4%
± 1%
50mV P-P
*+5V and +3.3V total output not exceed 150W
*+3.3V, +5V, and +12V total output cannot exceed 528W
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Sparkle Power Inc.
Colorado Office
1316 Indian Paintbrush Lane
Longmont, CO 80503
TEL: 303-776-3281
FAX: 303-776-7645


Similar Part No. - FSP550-60PLN

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP550-60PLG SPI-FSP550-60PLG Datasheet
140Kb / 1P
   550 Watts EPS12V Switching Power Supply
More results

Similar Description - FSP550-60PLN

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP550-60PLG SPI-FSP550-60PLG Datasheet
140Kb / 1P
   550 Watts EPS12V Switching Power Supply
FSP550PLGR-SLI SPI-FSP550PLGR-SLI Datasheet
1Mb / 2P
   550 Watts EPS12V & ATX12V Switching Power Supply
FSP550PLG-SLI SPI-FSP550PLG-SLI Datasheet
800Kb / 2P
   550 Watts EPS12V & ATX12V Switching Power Supply
FSP550-80ETN SPI-FSP550-80ETN Datasheet
1Mb / 1P
   550 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
FSP460-60PFN SPI-FSP460-60PFN Datasheet
77Kb / 1P
   460 Watts EPS12V Switching Power Supply
FSP300-601UD SPI-FSP300-601UD Datasheet
417Kb / 2P
   300 Watts EPS12V 1U Switching Power Supply
FSP650-80GLC SPI-FSP650-80GLC Datasheet
103Kb / 1P
   650 Watts EPS12V & ATX12V Switching Power Supply
FSP400-70MP SPI-FSP400-70MP Datasheet
416Kb / 2P
   400 Watts ATX12V,EPS12V Switching Power Supply
R-SPI600GHN SPI-R-SPI600GHN Datasheet
547Kb / 1P
   600 Watts EPS12V & ATX12V Switching Power Supply
FSP600-80GLC SPI-FSP600-80GLC Datasheet
468Kb / 2P
   600 Watts EPS12V & ATX12V Switching Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com