Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC175 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC175
Description  Quad D Flip-Flop with Reset
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC175 Datasheet(HTML) 4 Page - Texas Instruments

  CD74AC175 Datasheet HTML 1Page - Texas Instruments CD74AC175 Datasheet HTML 2Page - Texas Instruments CD74AC175 Datasheet HTML 3Page - Texas Instruments CD74AC175 Datasheet HTML 4Page - Texas Instruments CD74AC175 Datasheet HTML 5Page - Texas Instruments CD74AC175 Datasheet HTML 6Page - Texas Instruments CD74AC175 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Low Level Output Voltage
VOL
VIH or VIL
0.05
1.5
-
0.1
-
0.1
-
0.1
V
0.05
3
-
0.1
-
0.1
-
0.1
V
0.05
4.5
-
0.1
-
0.1
-
0.1
V
12
3
-
0.36
-
0.44
-
0.5
V
24
4.5
-
0.36
-
0.44
-
0.5
V
75
(Note 6, 7)
5.5
-
-
-
1.65
-
-
V
50
(Note 6, 7)
5.5
-----
1.65
V
Input Leakage Current
II
VCC or
GND
-
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Supply Current
MSI
ICC
VCC or
GND
0
5.5
-
8
-
80
-
160
µA
ACT TYPES
High Level Input Voltage
VIH
-
-
4.5 to
5.5
2-2-2-
V
Low Level Input Voltage
VIL
-
-
4.5 to
5.5
-
0.8
-
0.8
-
0.8
V
High Level Output Voltage
VOH
VIH or VIL
-0.05
4.5
4.4
-
4.4
-
4.4
-
V
-24
4.5
3.94
-
3.8
-
3.7
-
V
-75
(Note 6, 7)
5.5
-
-
3.85
-
-
-
V
-50
(Note 6, 7)
5.5
----
3.85
-
V
Low Level Output Voltage
VOL
VIH or VIL
0.05
4.5
-
0.1
-
0.1
-
0.1
V
24
4.5
-
0.36
-
0.44
-
0.5
V
75
(Note 6, 7)
5.5
-
-
-
1.65
-
-
V
50
(Note 6, 7)
5.5
-----
1.65
V
Input Leakage Current
II
VCC or
GND
-
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Supply Current
MSI
ICC
VCC or
GND
0
5.5
-
8
-
80
-
160
µA
Additional Supply Current per
Input Pin TTL Inputs High
1 Unit Load
∆ICC
VCC
-2.1
-
4.5 to
5.5
-
2.4
-
2.8
-
3
mA
NOTES:
18. Test one output at a time for a 1-second maximum duration. Measurement is made by forcing current and measuring voltage to minimize
power dissipation.
19. Test verifies a minimum 50
Ω transmission-line-drive capability at 85oC, 75Ω at 125oC.
ACT Input Load Table
INPUT
UNIT LOAD
Dn
0.58
MR
0.67
CP
0.92
NOTE: Unit load is
∆ICC limit specified in DC Electrical Specifications
Table, e.g., 2.4mA max at 25oC.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
CD74AC175, CD74ACT175


Similar Part No. - CD74AC175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC175 TI1-CD74AC175 Datasheet
755Kb / 13P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOP
CD74AC175-MIL TI1-CD74AC175-MIL Datasheet
755Kb / 13P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOP
CD74AC175M TI1-CD74AC175M Datasheet
755Kb / 13P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOP
CD74AC175M96 TI1-CD74AC175M96 Datasheet
755Kb / 13P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOP
CD74AC175M96E4 TI1-CD74AC175M96E4 Datasheet
755Kb / 13P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOP
More results

Similar Description - CD74AC175

ManufacturerPart #DatasheetDescription
logo
AVG Semiconductors(HITE...
DV74ACT175 AVG-DV74ACT175 Datasheet
319Kb / 4P
   Quad D Flip-flop with Master Reset
logo
ON Semiconductor
MC74AC175 ONSEMI-MC74AC175 Datasheet
178Kb / 6P
   QUAD D FLIP-FLOP WITH MASTER RESET
logo
Motorola, Inc
MC54-74HC175 MOTOROLA-MC54-74HC175 Datasheet
200Kb / 7P
   Quad D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC175A ONSEMI-MC74HC175A Datasheet
191Kb / 8P
   Quad D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 2
MC54-74HC175 ONSEMI-MC54-74HC175 Datasheet
200Kb / 7P
   Quad D Flip-Flop with Common Clock and Reset
REV 6
MC74HC175A ONSEMI-MC74HC175A_14 Datasheet
93Kb / 9P
   Quad D Flip-Flop with Common Clock and Reset
November, 2014 ??Rev. 6
logo
Intersil Corporation
ACS175MS INTERSIL-ACS175MS Datasheet
39Kb / 2P
   Radiation Hardened Quad D-Type Flip- Flop with Reset
July 1999
logo
System Logic Semiconduc...
SL74HC175 SLS-SL74HC175 Datasheet
49Kb / 5P
   Quad D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC175A ONSEMI-MC74HC175A_12 Datasheet
157Kb / 11P
   Quad D Flip-Flop with Common Clock and Reset
July, 2012 ??Rev. 5
logo
Integral Corp.
IN74ACT175 INTEGRAL-IN74ACT175 Datasheet
133Kb / 5P
   Quad D Flip-Flop with Common Clock and Reset
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com