Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC175E Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74AC175E
Description  Quad D Flip-Flop with Reset
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC175E Datasheet(HTML) 6 Page - Texas Instruments

  CD74AC175E Datasheet HTML 1Page - Texas Instruments CD74AC175E Datasheet HTML 2Page - Texas Instruments CD74AC175E Datasheet HTML 3Page - Texas Instruments CD74AC175E Datasheet HTML 4Page - Texas Instruments CD74AC175E Datasheet HTML 5Page - Texas Instruments CD74AC175E Datasheet HTML 6Page - Texas Instruments CD74AC175E Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Propagation Delay, MR to Q, QtPLH, tPHL
1.5
-
-
139
-
-
153
ns
3.3
4.4
-
15.5
4.3
-
17.1
ns
5
3.2
-
11.1
3.1
-
12.2
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 13)
-
-
55
-
-
55
-
pF
ACT TYPES
Propagation Delay, CP to Qn
tPLH, tPHL
5
(Note 12)
3
-
10.5
2.9
-
11.5
ns
Propagation Delay, MR to Qn
tPLH, tPHL
5
3.3
-
11.8
3.3
-
13
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 13)
-
-
55
-
-
55
-
pF
NOTES:
22. Limits tested 100%.
23. 3.3V Min is at 3.6V, Max is at 3V.
24. 5V Min is at 5.5V, Max is at 4.5V.
25. CPD is used to determine the dynamic power consumption per flip-flop.
PD =CPD VCC
2 f
i + Σ (CL +VCC2fo)+VCC ∆ICC where fi = input frequency, fo = output frequency, CL = output load capacitance, VCC =
supply voltage.
FIGURE 5. PROPAGATION DELAYS
FIGURE 6. RESET OR SET PREREQUISITE AND
PROPAGATION DELAYS
FIGURE 7.
FIGURE 8. PROPAGATION DELAY TIMES
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case) (Continued)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
INPUT LEVEL
CP
GND
VS
tW
tPHL
tPLH
VS
VS
VS
VS
INPUT LEVEL
GND
INPUT
CP
MR
VS
tW
tREM
tPHL
Q
VS
VS
VS
Q
INPUT LEVEL
GND
D
CP
VS
tSU(L)
tH(L)
tH(H)
tSU(H)
VS
VS
VS
VS
VS
INPUT LEVEL
GND
DUT
OUTPUT
RL (NOTE)
OUTPUT
LOAD
500
CL
50pF
NOTE: For AC Series Only: When VCC = 1.5V, RL = 1kΩ.
CD74AC
CD74ACT
Input Level
VCC
3V
Input Switching Voltage, VS
0.5 VCC
1.5V
Output Switching Voltage, VS
0.5 VCC
0.5 VCC
CD74AC175, CD74ACT175


Similar Part No. - CD74AC175E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC175 TI1-CD74AC175 Datasheet
755Kb / 13P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOP
CD74AC175-MIL TI1-CD74AC175-MIL Datasheet
755Kb / 13P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOP
CD74AC175M TI1-CD74AC175M Datasheet
755Kb / 13P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOP
CD74AC175M96 TI1-CD74AC175M96 Datasheet
755Kb / 13P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOP
CD74AC175M96E4 TI1-CD74AC175M96E4 Datasheet
755Kb / 13P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOP
More results

Similar Description - CD74AC175E

ManufacturerPart #DatasheetDescription
logo
AVG Semiconductors(HITE...
DV74ACT175 AVG-DV74ACT175 Datasheet
319Kb / 4P
   Quad D Flip-flop with Master Reset
logo
ON Semiconductor
MC74AC175 ONSEMI-MC74AC175 Datasheet
178Kb / 6P
   QUAD D FLIP-FLOP WITH MASTER RESET
logo
Motorola, Inc
MC54-74HC175 MOTOROLA-MC54-74HC175 Datasheet
200Kb / 7P
   Quad D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC175A ONSEMI-MC74HC175A Datasheet
191Kb / 8P
   Quad D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 2
MC54-74HC175 ONSEMI-MC54-74HC175 Datasheet
200Kb / 7P
   Quad D Flip-Flop with Common Clock and Reset
REV 6
MC74HC175A ONSEMI-MC74HC175A_14 Datasheet
93Kb / 9P
   Quad D Flip-Flop with Common Clock and Reset
November, 2014 ??Rev. 6
logo
Intersil Corporation
ACS175MS INTERSIL-ACS175MS Datasheet
39Kb / 2P
   Radiation Hardened Quad D-Type Flip- Flop with Reset
July 1999
logo
System Logic Semiconduc...
SL74HC175 SLS-SL74HC175 Datasheet
49Kb / 5P
   Quad D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC175A ONSEMI-MC74HC175A_12 Datasheet
157Kb / 11P
   Quad D Flip-Flop with Common Clock and Reset
July, 2012 ??Rev. 5
logo
Integral Corp.
IN74ACT175 INTEGRAL-IN74ACT175 Datasheet
133Kb / 5P
   Quad D Flip-Flop with Common Clock and Reset
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com