Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP34A Datasheet(PDF) 2 Page - Savantic, Inc.

Part # TIP34A
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

TIP34A Datasheet(HTML) 2 Page - Savantic, Inc.

  TIP34A Datasheet HTML 1Page - Savantic, Inc. TIP34A Datasheet HTML 2Page - Savantic, Inc. TIP34A Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
TIP34/34A/34B/34C
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP34
-40
TIP34A
-60
TIP34B
-80
VCEO(SUS)
Collector-emitter
sustaining voltage
TIP34C
IC=-30mA ;IB=0
-100
V
VCE(sat)-1
Collector-emitter saturation voltage
IC=-3A ;IB=-0.3A
-1.0
V
VCE(sat)-2
Collector-emitter saturation voltage
IC=-10A; IB=-2.5A
-4.0
V
VBE-1
Base-emitter on voltage
IC=-3A ; VCE=-4V
-1.6
V
VBE-2
Base-emitter on voltage
IC=-10A ; VCE=-4V
-3.0
V
TIP34/34A
VCE=-30V; IB=0
ICEO
Collector
cut-off current
TIP34B/34C
VCE=-60V; IB=0
-0.7
mA
TIP34
VCE=-40V;VEB=0
TIP34A
VCE=-60V;VEB=0
TIP34B
VCE=-80V;VEB=0
ICES
Collector
cut-off current
TIP34C
VCE=-100V;VEB=0
-0.4
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-1.0
mA
hFE-1
DC current gain
IC=-1A ; VCE=-4V
40
hFE-2
DC current gain
IC=-3A ; VCE=-4V
20
100
fT
Transition frequency
IC=-0.5A ; VCE=-10V;f=1MHz
3.0
MHz


Similar Part No. - TIP34A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP34A MOSPEC-TIP34A Datasheet
144Kb / 3P
   POWER TRANSISTORS(10A,40-100V,80W)
logo
Power Innovations Ltd
TIP34A POINN-TIP34A Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
TIP34A ISC-TIP34A Datasheet
134Kb / 3P
   Silicon PNP Power Transistors
logo
Comset Semiconductor
TIP34A COMSET-TIP34A Datasheet
81Kb / 4P
   SILICON POWER TRANSISTORS
logo
Continental Device Indi...
TIP34A CDIL-TIP34A Datasheet
337Kb / 4P
   HIGH POWER TRANSISTORS
More results

Similar Description - TIP34A

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com