Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QHF-3-.750G Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # QHF-3-.750G
Description  90 POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

QHF-3-.750G Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  QHF-3-.750G Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package Outline - A
PRINCIPAL SPECIFICATIONS
Frequency
Isolation,
Amplitude
Insertion
Model
Range,
dB,
Balance, dB,
Loss, dB,
VSWR,
Bandwidth Package
Number
GHz
Min.
Max.
Max.
Typ.
Max.
Ratio
Outline
QHF-3-.060G
.030 - .090
18
1.5
0.7
0.5
1.25:1
3:1
A
QHF-3-.300G
.090 - .500
17
1.5
0.7
0.5
1.25:1
5.5:1
A
QHF-3-.350G
.200 - .500
18
1.0
0.6
0.4
1.25:1
2.5:1
B
QHF-3-.675G
.250 - 1.00
18
1.5
0.75
0.5
1.35:1
4:1
C
QHF-3-.750G
.500 - 1.00
20
1.0
0.35
0.35
1.25:1
2:1
D
General Notes:
1. The QHF-3 series covers 30 MHz to 1 GHz using a multi-section
stripline design to produce wide operating bandwidths. Designs
for many other frequency ranges are available to custom order.
2. High performance is achieved in the QHF-3 series using the
Filmbrid
™ Sandwich Package that’s designed to work with both
microstrip and balanced stripline.
QHF-3-G Series
90 POWER DIVIDERS / COMBINERS
30 to 1000 MHz / Excellent Amplitude Balance / Low Insertion Loss / Humidity Sealed Filmbrid
GENERAL SPECIFICATIONS
Coupling:
-- 3 dB nom.
Impedance:
50
Ω nom.
Phase Tolerance:
90°
±2° max.
CW Input:
200 Watts
(CW power input with 1.2:1 VSWRout)
Peak Power:
1 kW max.
Connector Type:
4 Solder Tabs
Operating Temperature: -- 55° to +85°C
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
Part No.
Dim. A
Dim. B
Dim. C
Dim. D
QHF-3-.060G
5.000
2.500
.484
4.032
127.00
63.50
12.29
102.41
QHF-3-.300G
1.750
.875
.125
1.500
44.45
22.23
3.18
38.10
NOTES:
1. Tolerance on 3 place decimals
±.020(.51) except as noted.
2. Dimensions in inches over millimeters.
3. Solder Tabs: .002
±
.0005(.05 ±.01)
thk., iron nickel alloy,gold plated
.00005(.0012) thk. min.
02May96


Similar Part No. - QHF-3-.750G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHF-2-.071GB MERRIMAC-QHF-2-.071GB Datasheet
15Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-2-.130GE MERRIMAC-QHF-2-.130GE Datasheet
15Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-2-.134GM MERRIMAC-QHF-2-.134GM Datasheet
15Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-2-.187GM MERRIMAC-QHF-2-.187GM Datasheet
15Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-2-.312GG MERRIMAC-QHF-2-.312GG Datasheet
15Kb / 1P
   90 POWER DIVIDERS / COMBINERS
More results

Similar Description - QHF-3-.750G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHF-22A-5B MERRIMAC-QHF-22A-5B Datasheet
60Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-23A-160 MERRIMAC-QHF-23A-160 Datasheet
43Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHP-23N-1B MERRIMAC-QHP-23N-1B Datasheet
78Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHG-22B-1B MERRIMAC-QHG-22B-1B Datasheet
62Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHM-2-60 MERRIMAC-QHM-2-60 Datasheet
59Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHM-2M-.75G MERRIMAC-QHM-2M-.75G Datasheet
87Kb / 1P
   90 POWER DIVIDERS/COMBINERS
QHF-2-.071GB MERRIMAC-QHF-2-.071GB Datasheet
15Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHT-2-5 MERRIMAC-QHT-2-5 Datasheet
52Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHT-3-60 MERRIMAC-QHT-3-60 Datasheet
80Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-2A-60 MERRIMAC-QHF-2A-60 Datasheet
58Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHZ-23B-70 MERRIMAC-QHZ-23B-70 Datasheet
34Kb / 1P
   90 POWER DIVIDERS / COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com