Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QHG-22B-300B Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # QHG-22B-300B
Description  90 POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

QHG-22B-300B Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  QHG-22B-300B Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over millimeters.
3. Lead dimensions apply only at body.
Surface Mount B-Package Outline
PRINCIPAL SPECIFICATIONS
Model
Center
Frequency
Number
Frequency, fo
Performance
QHG-22B-***B
1- 300 MHz
± 15% of fo
For complete model number replace *** with desired center frequency
GENERAL SPECIFICATIONS
Coupling:
-- 3 dB nom.
Impedance:
50
Ω nom.
Isolation:
20 dB min.,
25 dB typ.
Insertion Loss:
<75 MHz:
0.5 dB max., 0.3 typ.
>75 MHz:
0.75 dB max., 0.5 typ.
Phase Tolerance: 90°
± 2° max.
Amplitude Balance: 0.5 dB max.,
0.25 dB typ.
VSWR (In/Out):
1.3:1 max.
CW Input:
4 W max. (1.2:1 VSWRout)
(@ 25
°C; derated to 1W @ 85°C)
Weight, nominal:
0.1 oz (2.8 g)
Operating Temp:
-- 55° to +85°C
Phasing Diagram - B
1
2
3
4
1
-- 90°
Isol.
2
-- 90°
Isol.
3
Isol.
-- 90°
4
Isol.
-- 90°
QHG-22B Series
90 POWER DIVIDERS / COMBINERS
1 to 300 MHz / 30% Bandwidth Models / Low Insertion Loss / Low Profile Hermetic Package /
SMD
For further information contact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
General Notes:
1. The QHG-22B series covers 1 to 300 MHz in 30% bandwidth
units using a special lumped element design to minimize size
and cost. The low 0.175" profile surface-mount package which
houses these 3 dB Quadrature Hybrids is ideally suited to
terrestrial and aerospace applications alike where hermeticity
and inherent package reliability are essential.
20Feb96


Similar Part No. - QHG-22B-300B

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHG-2B-1000B MERRIMAC-QHG-2B-1000B Datasheet
63Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHG-2B-1B MERRIMAC-QHG-2B-1B Datasheet
63Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHG-2B-500B MERRIMAC-QHG-2B-500B Datasheet
63Kb / 1P
   90 POWER DIVIDERS / COMBINERS
More results

Similar Description - QHG-22B-300B

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHF-22A-5B MERRIMAC-QHF-22A-5B Datasheet
60Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-23A-160 MERRIMAC-QHF-23A-160 Datasheet
43Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHP-23N-1B MERRIMAC-QHP-23N-1B Datasheet
78Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHM-2-60 MERRIMAC-QHM-2-60 Datasheet
59Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHM-2M-.75G MERRIMAC-QHM-2M-.75G Datasheet
87Kb / 1P
   90 POWER DIVIDERS/COMBINERS
QHF-2-.071GB MERRIMAC-QHF-2-.071GB Datasheet
15Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHT-2-5 MERRIMAC-QHT-2-5 Datasheet
52Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHT-3-60 MERRIMAC-QHT-3-60 Datasheet
80Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-2A-60 MERRIMAC-QHF-2A-60 Datasheet
58Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHZ-23B-70 MERRIMAC-QHZ-23B-70 Datasheet
34Kb / 1P
   90 POWER DIVIDERS / COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com