Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC132 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC132
Description  High Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC132 Datasheet(HTML) 6 Page - Texas Instruments

  CD74HC132 Datasheet HTML 1Page - Texas Instruments CD74HC132 Datasheet HTML 2Page - Texas Instruments CD74HC132 Datasheet HTML 3Page - Texas Instruments CD74HC132 Datasheet HTML 4Page - Texas Instruments CD74HC132 Datasheet HTML 5Page - Texas Instruments CD74HC132 Datasheet HTML 6Page - Texas Instruments CD74HC132 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Test Circuits and Waveforms
FIGURE 1. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 2. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 3. HYSTERESIS DEFINITION, CHARACTERISTIC, AND TEST SET-UP
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
VCC
Vl
GND
VCC
VO
GND
VCC
Vl
VO
VO
VH
VH = V
+
T - V
-
T
-
T
V
+
T
V
VH
Vl
-
T
V
+
T
V
CD74HC132, CD74HCT132


Similar Part No. - CD74HC132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC132 TI-CD74HC132 Datasheet
256Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
CD74HC132 TI-CD74HC132 Datasheet
336Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
CD74HC132 TI-CD74HC132 Datasheet
442Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
CD74HC132E TI-CD74HC132E Datasheet
256Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
CD74HC132E TI-CD74HC132E Datasheet
336Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
More results

Similar Description - CD74HC132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC132 TI-CD54HC132 Datasheet
256Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
CD54HC132 TI-CD54HC132_08 Datasheet
442Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
CD54HC132 TI-CD54HC132_07 Datasheet
336Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
CD4093B-Q1 TI1-CD4093B-Q1 Datasheet
312Kb / 11P
[Old version datasheet]   CMOS QUAD 2-INPUT NAND SCHMITT TRIGGER
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com