Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QHK-4R-29G Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # QHK-4R-29G
Description  90 POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

QHK-4R-29G Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  QHK-4R-29G Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package Outline
PRINCIPAL SPECIFICATIONS
Frequency
Isolation,
Amplitude
Phase
Insertion
VSWR,
Weight
Model
Range,
dB,
Balance, dB, Tolerance,
Loss, dB,
All Ports
oz.(g)
Number
GHz
Min.
Max.
Max.
Max.
Max.
Nom.
QHK-4R-23G
6 - 40
13
2.0
90°
± 10°
1.6
2.0:1
1.8 (50)
QHK-4R-29G
18 - 40
13
2.0
90°
± 10°
1.6
2.0:1
1.8 (50)
GENERAL SPECIFICATIONS
Coupling:
-- 3 dB nom.
Impedance:
50
Ω nom.
CW Input:
1 W max.
Operating Temperature: -- 55° to +85°C
QHK-4R-G Series
90 POWER DIVIDERS / COMBINERS
6 to 40 GHz / Multi-Octave Bandwidth / Low Insertion Loss / High Isolation / K-Connectors
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
General Notes:
1. The QHK-4R series of 3 dB quadrature hybrid couplers covers 6 to
40 GHz using stripline circuits for high isolation and low loss.
2. These units are provided with K-series connectors for high reliability
and low VSWR to beyond 40 GHz.
20Feb96
NOTES:
1. Tolerance on 3 place decimals
±.020(.51) except as noted.
2. Dimensions in inches over millimeters.


Similar Description - QHK-4R-29G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHF-22A-5B MERRIMAC-QHF-22A-5B Datasheet
60Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-23A-160 MERRIMAC-QHF-23A-160 Datasheet
43Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHP-23N-1B MERRIMAC-QHP-23N-1B Datasheet
78Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHG-22B-1B MERRIMAC-QHG-22B-1B Datasheet
62Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHM-2-60 MERRIMAC-QHM-2-60 Datasheet
59Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHM-2M-.75G MERRIMAC-QHM-2M-.75G Datasheet
87Kb / 1P
   90 POWER DIVIDERS/COMBINERS
QHF-2-.071GB MERRIMAC-QHF-2-.071GB Datasheet
15Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHT-2-5 MERRIMAC-QHT-2-5 Datasheet
52Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHT-3-60 MERRIMAC-QHT-3-60 Datasheet
80Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-2A-60 MERRIMAC-QHF-2A-60 Datasheet
58Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHZ-23B-70 MERRIMAC-QHZ-23B-70 Datasheet
34Kb / 1P
   90 POWER DIVIDERS / COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com