Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QJN-3-.300G Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # QJN-3-.300G
Description  90 POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

QJN-3-.300G Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  QJN-3-.300G Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRINCIPAL SPECIFICATIONS
Frequency
Performance Amplitude
Isolation, Insertion Loss
Weight,
Model
Range,
Bandwidth,
Bal., dB,
Phase
dB,
dB,
dB,
VSWR,
oz.(g)
Number
MHz
MHz
Max.
Tolerance
Min.
Typ. Max.
Max.
Nom.
QJN-3-.300G
100 - 500
100 - 400
1.5
90°
± 4°
18
0.3
0.5
1.25:1 12(336)
400 - 500
1.0
QJC-2-3.95G
3700 - 4200
3700 - 4200
1.0
90°
± 4°
18
0.3
0.5
1.25:1
4(112)
QJC-2-6.2G
5900 - 6500
5900 - 6500
1.0
90°
± 4°
18
0.3
0.5
1.25:1
4(112)
*Insert desired Center Frequency
/xxxxx allocated by factory
QJC & QJN Series
90 POWER DIVIDERS / COMBINERS
100 to 6500 MHz / Wide BW / High Power / Excellent Amplitude Bal. / Low Insertion Loss / N or TNC
General Notes:
1. The QJN and QJC series of Quadrature Hybrids
have been designed for high power terrestrial and
aerospace applications and are available for a
variety of applications including those covering the
30 to 76 MHz, 100 to 500 MHz and selected
microwave bands.
2. Model QJN-4 is designed using heavy gauge wire
and high saturation ferrite torroids with careful
attention to heat dissipation. Units above 100 MHz
utilize the latest high conductivity, composite
dielectric materials to prevent localized heat build
up due to poor matches.
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
20Feb96
GENERAL SPECIFICATIONS
Coupling:
-- 3 dB nom.
Impedance:
50
Ω nom.
CW Input:
500 W max.(1.1:1 VSWR)
200 W max.(2.0:1 VSWR)
Peak Power:
10 kW max.
Operating Temp.:
-- 55° to +85°C
Connectors:
C, LC and HC Optional
QJC Outline
NOTES:
1. Tolerance on 3 place decimals
±0.020(.51) except as noted.
2. Dimensions in inches over millimeters.


Similar Description - QJN-3-.300G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
QHF-22A-5B MERRIMAC-QHF-22A-5B Datasheet
60Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-23A-160 MERRIMAC-QHF-23A-160 Datasheet
43Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHP-23N-1B MERRIMAC-QHP-23N-1B Datasheet
78Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHG-22B-1B MERRIMAC-QHG-22B-1B Datasheet
62Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHM-2-60 MERRIMAC-QHM-2-60 Datasheet
59Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHM-2M-.75G MERRIMAC-QHM-2M-.75G Datasheet
87Kb / 1P
   90 POWER DIVIDERS/COMBINERS
QHF-2-.071GB MERRIMAC-QHF-2-.071GB Datasheet
15Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHT-2-5 MERRIMAC-QHT-2-5 Datasheet
52Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHT-3-60 MERRIMAC-QHT-3-60 Datasheet
80Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHF-2A-60 MERRIMAC-QHF-2A-60 Datasheet
58Kb / 1P
   90 POWER DIVIDERS / COMBINERS
QHZ-23B-70 MERRIMAC-QHZ-23B-70 Datasheet
34Kb / 1P
   90 POWER DIVIDERS / COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com