Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDX33C Datasheet(PDF) 2 Page - Savantic, Inc.

Part # BDX33C
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BDX33C Datasheet(HTML) 2 Page - Savantic, Inc.

  BDX33C Datasheet HTML 1Page - Savantic, Inc. BDX33C Datasheet HTML 2Page - Savantic, Inc. BDX33C Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BDX33/A/B/C
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDX33
45
BDX33A
60
BDX33B
80
VCEO(SUS)
Collector-emitter
sustaining voltage
BDX33C
IC=0.1A, IB=0
100
V
BDX33/33A
IC=4A ,IB=8mA
VCEsat
Collector-emitter
saturation voltage
BDX33B/33C
IC=3A ,IB=6mA
2.5
V
BDX33/33A
IC=4A ; VCE=3V
VBE
Base-emitter
on voltage
BDX33B/33C
IC=3A ; VCE=3V
2.5
V
BDX33
VCB=45V, IE=0
BDX33A
VCB=60V, IE=0
BDX33B
VCB=80V, IE=0
ICBO
Collector
cut-off current
BDX33C
VCB=100V, IE=0
0.2
mA
BDX33
VCE=22V, IB=0
BDX33A
VCE=30V, IB=0
BDX33B
VCE=40V, IB=0
ICEO
Collector
cut-off current
BDX33C
VCE=50V, IB=0
0.5
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
5
mA
BDX33/33A
IC=4A ; VCE=3V
hFE
DC current gain
BDX33B/33C
IC=3A ; VCE=3V
750
VF
Forward diode voltage
IF=8A
4.0
V


Similar Part No. - BDX33C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX33C MOSPEC-BDX33C Datasheet
92Kb / 2P
   POWER TRANSISTORS(10A,70W)
logo
Inchange Semiconductor ...
BDX33C ISC-BDX33C Datasheet
135Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
BDX33C ONSEMI-BDX33C Datasheet
135Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
logo
Comset Semiconductor
BDX33C COMSET-BDX33C Datasheet
106Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Power Innovations Ltd
BDX33C POINN-BDX33C Datasheet
128Kb / 7P
   NPN SILICON POWER DARLINGTONS
More results

Similar Description - BDX33C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com